Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-3.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL40502ACPZ-3.3-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPL40502ACPZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
5 of 17
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 3. Absolute Maximum Ratings
PARAMETER
RATING
VIN to GND
−0.3V to +6.5V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3V to +6.5V
Temperature Range
Storage
−65°C to +150°C
Operating Junction
−40°C to +125°C
Operating Ambient
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product.
This is a stress rating only; functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions
for extended periods may affect product reliability.
Thermal Data
Absolute maximum ratings apply individually only, not in combination. The ADPL40502 can be damaged when the
junction temperature limits are exceeded. Monitoring ambient temperature does not guarantee that TJ is within the
specified temperature limits. In applications with high power dissipation and poor thermal resistance, the maximum
ambient temperature may have to be derated.
In applications with moderate power dissipation and low printed circuit board (PCB) thermal resistance, the
maximum ambient temperature can exceed the maximum limit as long as the junction temperature is within
specification limits. TJ of the device is dependent on TA, the power dissipation of the device (PD), and the junction to
ambient thermal resistance of the package (θJA).
To calculate the maximum TJ from TA and PD use the following equation:
TJ = TA + (PD × θJA)
The θJA of the package is based on modeling and calculation using a 4-layer board. θJA is highly dependent on the
application and board layout. In applications where high maximum PD exists, close attention to thermal board design
is required. The value of θJA may vary, depending on PCB material, layout, and environmental conditions. The
specified values of θJA are based on a 4-layer, 4 inches × 3 inches circuit board. See JESD51-7 and JESD51-9 for
detailed information on the board construction.
ΨJB is the junction to board, thermal characterization parameter with units of °C/W. ΨJB of the package is based on
modeling and calculation using a 4-layer board. The JESD51-12, Guidelines for Reporting and Using Electronic
Package Thermal Information, states that thermal characterization parameters are not the same as thermal
resistances. ΨJB measures the component power flowing through multiple thermal paths rather than a single path
as in θJB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com