Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-3.3-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL40502ACPZ-3.3-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.3-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL40502ACPZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-3.3-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
10 of 17
Figure 17. Power Supply Rejection Ratio (PSRR) vs.
Frequency at Various Output Voltages and Load
Currents, VOUT − VIN = 0.5V
Figure 18. Load Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA to 200mA
Figure 19. Power Supply Rejection Ratio (PSRR) vs.
Frequency at Various Voltages and Load
Currents, VOUT = 2.8V
Figure 20. Load Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA to 200mA
Figure 21. Line Transient Response, CIN = COUT = 1µF,
ILOAD = 200mA
Figure 22. Line Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 3.3V, IOUT = 200mA
VOUT = 3.3V, IOUT = 10mA
VOUT = 2.8V, IOUT = 200mA
VOUT = 2.8V, IOUT = 10mA
CH1 200mA CH2 50mV
M20µs
A CH1
64.0mA
T 10.00%
1
2
T
LOAD CURRENT
VOUT
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 200mA, VIN = 3.3V
IOUT = 10mA, VIN = 3.3V
IOUT = 200mA, VIN = 3.8V
IOUT = 10mA, VIN = 3.8V
100
90
80
70
60
50
40
30
20
10
0
CH1 200mA CH2 50mV
M20µs
A CH1
64.0mA
T 10.00%
1
2
T
LOAD CURRENT
VOUT
CH1 1V
CH2 2mV
M10µs
A CH1
4.56V
T 10.80%
1
2
T
INPUT VOLTAGE
VOUT
CH1 1V
CH2 2mV
M10µs
A CH1
4.56V
T 10.80%
1
2
T
INPUT VOLTAGE
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com