Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18D301K Datasheet(PDF) 11 Page - TYEE Products Inc

Part # 18D301K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D301K Datasheet(HTML) 11 Page - TYEE Products Inc

Back Button 18D301K Datasheet HTML 7Page - TYEE Products Inc 18D301K Datasheet HTML 8Page - TYEE Products Inc 18D301K Datasheet HTML 9Page - TYEE Products Inc 18D301K Datasheet HTML 10Page - TYEE Products Inc 18D301K Datasheet HTML 11Page - TYEE Products Inc 18D301K Datasheet HTML 12Page - TYEE Products Inc 18D301K Datasheet HTML 13Page - TYEE Products Inc 18D301K Datasheet HTML 14Page - TYEE Products Inc 18D301K Datasheet HTML 15Page - TYEE Products Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
05D series 07D series
14D series
P
Pictch of Component
12.7±.1.0
12.7±.1.0
12.7±.1.0
15.0±.1.0
25.4±.1.0
P0
Feed Hole Pitch
12.7±.0.2
12.7±.0.2
12.7±.0.2
15.0±.0.2
25.4±.0.2
P1
Feed Hole Center to Lead
3.85±0.7
3.85±0.7
3.75±0.7
3.85±0.7
8.95±0.7
P2
Hole Center to Component Center
6.35±0.7
6.35±0.7
-
7.5±1.3
12.7±0.7
F
Lead to Lead Distance
5.0±0.8
5.0±0.8
7.5±0.8
7.5±0.8
7.5±0.8
△
h
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
2.0 Max
18.0+1.0
18.0+1.0
18.0+1.0
18.0+1.0
18.0+1.0
18.0-0.5
18.0-0.5
18.0-0.5
18.0-0.5
18.0-0.5
W0
Hold Down Tape Width
5.0MIN.
5.0MIN.
5.0MIN.
5.0MIN.
5.0MIN.
9.0+0.75
9.0+0.75
9.0+0.75
9.0+0.75
9.0+0.75
9.0-0.50
9.0-0.50
9.0-0.50
9.0-0.50
9.0-0.50
W2
Hold Down Tape Position
3.0Max
3.0Max
3.0Max
3.0Max
3.0Max
18.0+2.0
18.0+2.0
18.0+2.0
18.0+2.0
18.0+2.0
18.0-0.0
18.0-0.0
18.0-0.0
18.0-0.0
18.0-0.0
H0
Seating Plane Height
16.0±0.5
16.0±0.5
16.0±0.5
16.0±0.5
16.0±0.5
H1
Component Height
29.0Max
32.0Max
36.0Max
36.0Max
40.0Max
D0
Feed Hole Diameter
4.0±0.2
4.0±0.2
4.0±0.2
4.0±0.2
4.0±0.2
t
Total Tape Thickness
0.7±0.2
0.7±0.2
0.7±0.2
0.7±0.2
0.7±0.2
L
Leagth of Clipped Lead
11.0 Max
11.0 Max
11.0 Max
11.0 Max
11.0 Max
Note: Dimensions are in mm
Packing Q'ty
180K~391K
2000
4000
16000
180K~621K
1000
10000
1 & 2
431K~821K
1500
3000
12000
681K~821K
800
8000
1 & 2
180K~391K
2000
4000
16000
180K~621K
1000
10000
1 & 2
431K~821K
1500
3000
12000
681K~821K
800
8000
1 & 2
180K~621K
1000
2000
8000
180K~621K
1000
8000
3 & 4
681K~112K
800
1600
6400
681K~112K
800
6400
3 & 4
180K~621K
1000
2000
8000
180K~621K
800
6400
1 & 2
681K~112K
800
1600
6400
681K~112K
600
4800
1 & 2
180K~391K
800
1600
6400
5 & 6
431K~621K
700
1400
5600
5 & 6
681K~112K
600
1200
4800
5 & 6
Symbol
PARAMETER
Model Size
10D series
Height from Tape Center to Component
Base
Tape & Reel (TRK/TRI/TRH Type)
Flat Box (BTK/BTI/BTH TYPE)
W
Tape Width
W1
Hole Position
10D
P12.7mm
14D
05D
07D
10D
P15.0mm
Min.Q'ty (pcs)
/Reel
Min.Q'ty (pcs)
/Inner Box
FIG
DIMENSION OF TAPING PRODUCT
Model No.
Model No.
Min.Q'ty
(pcs) /Reel
Min.Q'ty(pcs)
/Inner Box
Min. Q'ty (pcs)
/Carton
H
TYEE Products Inc.
http://www.tyeeusa.com/
Page:11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com