Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18D301K Datasheet(PDF) 13 Page - TYEE Products Inc

Part # 18D301K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D301K Datasheet(HTML) 13 Page - TYEE Products Inc

Back Button 18D301K Datasheet HTML 7Page - TYEE Products Inc 18D301K Datasheet HTML 8Page - TYEE Products Inc 18D301K Datasheet HTML 9Page - TYEE Products Inc 18D301K Datasheet HTML 10Page - TYEE Products Inc 18D301K Datasheet HTML 11Page - TYEE Products Inc 18D301K Datasheet HTML 12Page - TYEE Products Inc 18D301K Datasheet HTML 13Page - TYEE Products Inc 18D301K Datasheet HTML 14Page - TYEE Products Inc 18D301K Datasheet HTML 15Page - TYEE Products Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Performance Characteristics(Electrical)
Classification
( Nominal varistor voltage )
Test Voltage
( AC )
V0.1 mA, V1 mA ≦330V
1000 Vrms
V0.1 mA, V1 mA >330V
1500 Vrms
05D180K to 05D680K
0.5A (2 ms)
05D820K to 05D471K
20A (8/20μs)
07D180K to 07D680K
18A (8/20μs)
07D820K to 07D471K
50A (8/20μs)
10D180K to 10D680K
50A (8/20μs)
10D820K to 10D112K
100A (8/20μs)
14D180K to 14D680K
75A (8/20μs)
14D820K to 14D182K
150A (8/20μs)
20D180K to 20D680K
120A (8/20μs)
20D820K to 20D182K
200A (8/20μs)
Characteristics
Test Methods/Description
Specifications
Standard Test Condition
Environmental conditions under which every measuring is done without
doubt on the measuring results. Unless specially specified, temperature,
relative humidity are 5 to 35 ℃, 45 to 85 % RH.
─
Varistor Voltage
The voltage between two terminals with the specified measuring current
CmA DC applied is called Vc or VcmA . The measurement shall be made
as fast as possible to avoid heat affection.
To meet the specified
value
Maximum Allowable Voltage
The maximum sinusoidal RMS voltage or maximum DC voltage that can be
applied continuously in the specified environmental temperature range.
Clamping Voltage
The maximum voltage between two terminals with the specified standard
impulse current (8/20μs) illustrated below applied.
Rated Power
The power that can be applied in the specified ambient temperature.
Maximum Energy
The maximum energy within the varistor voltage change of ± 10 % when
one impulse of 2 ms or 10/1000 μs is applied.
Maximum
peak Current
Withstanding
Surge
Current
2 times
The maximum current within the varistor voltage change of ± 10 % with
the standard impulse current (8/20 μs) applied two times with an interval of
5 minutes.
1 times
The maximum current within the varistor voltage change of ± 10 % with
the standard impulse current (8/20 μs) applied one times.
Temperature Coefficient of
Varistor Voltage
×
× 100 ( %/
℃ )
- 0.05 %/℃ max
Capacitance
Capacitance shall be measured at 1 KHz ± 10 %, 1Vrms max .
0V bias and 20±2℃
To meet the specified
value
Withstanding Voltage
( Body Insulation )
The specified voltage shall be applied both terminals of the specimen
connected together and metal foil closely wrapped round its body for 1
minute. Electrical breakdown shall be examined.
No breakdown
Impulse Life(I)
The change of Vc shall be measured after the impulse listed below
is applied 10000 times continuously with the interval of ten seconds at
room temperature .
△V
cmA / VcmA≦±10%
5 Series
7 Series
20 Series
Note: Varistor voltage change of forward direction shall be measured in the test of uni-pole surge life and DC load life
10 Series
14 Series
Vc at 85 ℃ ─ Vc at 25 ℃
Vc at 25 ℃
1
60
TYEE Products Inc.
http://www.tyeeusa.com/
Page: 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com