Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18D331K Datasheet(PDF) 4 Page - TYEE Products Inc

Part # 18D331K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D331K Datasheet(HTML) 4 Page - TYEE Products Inc

  18D331K Datasheet HTML 1Page - TYEE Products Inc 18D331K Datasheet HTML 2Page - TYEE Products Inc 18D331K Datasheet HTML 3Page - TYEE Products Inc 18D331K Datasheet HTML 4Page - TYEE Products Inc 18D331K Datasheet HTML 5Page - TYEE Products Inc 18D331K Datasheet HTML 6Page - TYEE Products Inc 18D331K Datasheet HTML 7Page - TYEE Products Inc 18D331K Datasheet HTML 8Page - TYEE Products Inc 18D331K Datasheet HTML 9Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
10D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc) Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
10D180K
11
14
14.4
18
21.6
39
5
2.1
500
0.05
16000
☆
10D220K
14
18
18.7
22
26.0
43
5
2.5
500
0.05
11000
☆
10D270K
17
22
23.0
27
31.1
53
5
3.0
500
0.05
8000
☆
10D330K
20
26
29.5
33
36.5
65
5
4.0
500
0.05
6300
☆
10D390K
25
31
35
39
43
77
5
4.6
500
0.05
5200
☆
10D470K
30
38
42
47
52
93
5
5.5
500
0.05
4600
☆
10D560K
35
45
50
56
62
110
5
7.0
500
0.05
3750
☆
10D680K
40
56
61
68
75
135
5
8.2
500
0.05
2800
☆
10D820K
50
65
74
82
90
135
25
12.0
2500
0.40
1920
☆
◎
10D101K
60
85
90
100
110
165
25
15.0
2500
0.40
1800
☆
◎
10D121K
75
100
108
120
132
200
25
18.0
2500
0.40
1500
☆
◎
10D151K
95
125
135
150
165
250
25
22.0
2500
0.40
1200
☆
◎
10D181K
115
150
162
180
198
300
25
27.0
2500
0.40
620
☆
◎
10D201K
130
170
185
200
225
340
25
30.0
2500
0.40
570
☆ △ ※ ◎
10D221K
140
180
198
220
242
360
25
32.0
2500
0.40
560
☆ △ ※ ◎
10D241K
150
200
216
240
264
395
25
35.0
2500
0.40
550
☆ △ ※ ◎
10D271K
175
225
247
270
303
455
25
40.0
2500
0.40
530
☆ △ ※ ◎
10D301K
195
250
270
300
330
500
25
42.0
2500
0.40
500
☆ △ ※ ◎
10D331K
210
275
297
330
363
550
25
47.0
2500
0.40
450
☆ △ ※ ◎
10D361K
230
300
324
360
396
595
25
47.0
2500
0.40
450
☆ △ ※ ◎
10D391K
250
320
351
390
429
650
25
60.0
2500
0.40
430
☆ △ ※ ◎
10D431K
275
350
387
430
473
710
25
65.0
2500
0.40
400
☆ △ ※ ◎
10D471K
300
385
423
470
517
775
25
70.0
2500
0.40
300
☆ △ ※ ◎
10D511K
320
410
459
510
561
845
25
70.0
2500
0.40
260
☆ △ ※ ◎
10D561K
350
460
504
560
616
915
25
70.0
2500
0.40
200
☆ △ ※ ◎
10D621K
385
505
558
620
682
1025
25
70.0
2500
0.40
170
☆ △ ※ ◎
10D681K
420
560
612
680
748
1120
25
70.0
2500
0.40
160
☆ △ ※ ◎
10D751K
460
615
675
750
825
1240
25
75.0
2500
0.40
150
☆ △ ※ ◎
10D781K
485
640
702
780
858
1290
25
80.0
2500
0.40
150
☆ △ ※ ◎
10D821K
510
670
738
820
902
1355
25
85.0
2500
0.40
150
☆ △ ※ ◎
10D911K
550
745
819
910
1001
1500
25
93.0
2500
0.40
140
☆ △ ※ ◎
10D102K
625
825
900
1000
1100
1650
25
102.0
2500
0.40
140
☆ △ ※ ◎
10D112K
680
895
990
1100
1210
1815
25
115.0
2500
0.40
130
☆
※ ◎
Standard No.
File No.
Symbols
△☆
※
◎
E165143
E150709
LR109736-1
21557-4790-001
Varistors for use in
Components
Surge Suppressors
for Electronic Products
Electronic equipment
Title
Across-The-Line
Transient Voltage
Accessories and Parts
Related Standards
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Voltage
Clamping Voltage
@ Test Current
(8/20µs)
Varistor
Voltage
(@1mA)
Maximum
Allowable
TYEE Products Inc.
http://www.tyeeusa.com/
Page:4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com