Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18D331K Datasheet(PDF) 5 Page - TYEE Products Inc

Part # 18D331K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D331K Datasheet(HTML) 5 Page - TYEE Products Inc

  18D331K Datasheet HTML 1Page - TYEE Products Inc 18D331K Datasheet HTML 2Page - TYEE Products Inc 18D331K Datasheet HTML 3Page - TYEE Products Inc 18D331K Datasheet HTML 4Page - TYEE Products Inc 18D331K Datasheet HTML 5Page - TYEE Products Inc 18D331K Datasheet HTML 6Page - TYEE Products Inc 18D331K Datasheet HTML 7Page - TYEE Products Inc 18D331K Datasheet HTML 8Page - TYEE Products Inc 18D331K Datasheet HTML 9Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
14D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc) Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
14D180K
11
14
14.4
18
21.6
39
10
4.0
1000
0.1
25000
☆
14D220K
14
18
18.7
22
26.0
43
10
5.0
1000
0.1
20000
☆
14D270K
17
22
23.0
27
31.1
53
10
6.0
1000
0.1
16000
☆
14D330K
20
26
29.5
33
36.5
65
10
7.5
1000
0.1
12200
☆
14D390K
25
31
35
39
43
77
10
8.6
1000
0.1
7000
☆
14D470K
30
38
42
47
52
93
10
10.0
1000
0.1
6750
☆
14D560K
35
45
50
56
62
110
10
11.0
1000
0.1
6500
☆
14D680K
40
56
61
68
75
135
10
14.0
1000
0.1
5500
☆
14D820K
50
65
74
82
90
135
50
22.0
4500
0.6
4300
☆
◎
14D101K
60
85
90
100
110
165
50
28.0
4500
0.6
3500
☆
◎
14D121K
75
100
108
120
132
200
50
32.0
4500
0.6
2500
☆
◎
14D151K
95
125
135
150
165
250
50
40.0
4500
0.6
2100
☆
◎
14D181K
115
150
162
180
198
300
50
50.0
4500
0.6
1250
☆
◎
14D201K
130
170
185
200
225
340
50
57.0
4500
0.6
1150
☆ △ ※ ◎
14D221K
140
180
198
220
242
360
50
60.0
4500
0.6
1100
☆ △ ※ ◎
14D241K
150
200
216
240
264
395
50
63.0
4500
0.6
1050
☆ △ ※ ◎
14D271K
175
225
247
270
303
455
50
70.0
4500
0.6
1000
☆ △ ※ ◎
14D301K
195
250
270
300
330
500
50
73.0
4500
0.6
900
☆ △ ※ ◎
14D331K
210
275
297
330
363
550
50
93.0
4500
0.6
850
☆ △ ※ ◎
14D361K
230
300
324
360
396
595
50
93.0
4500
0.6
800
☆ △ ※ ◎
14D391K
250
320
351
390
429
650
50
100.0
4500
0.6
800
☆ △ ※ ◎
14D431K
275
350
387
430
473
710
50
115.0
4500
0.6
650
☆ △ ※ ◎
14D471K
300
385
423
470
517
775
50
125.0
4500
0.6
550
☆ △ ※ ◎
14D511K
320
410
459
510
561
845
50
125.0
4500
0.6
450
☆ △ ※ ◎
14D561K
350
460
504
560
616
915
50
125.0
4500
0.6
400
☆ △ ※ ◎
14D621K
385
505
558
620
682
1025
50
125.0
4500
0.6
350
☆ △ ※ ◎
14D681K
420
560
612
680
748
1120
50
130.0
4500
0.6
350
☆ △ ※ ◎
14D751K
460
615
675
750
825
1240
50
143.0
4500
0.6
330
☆ △ ※ ◎
14D781K
485
640
702
780
858
1290
50
148.0
4500
0.6
330
☆ △ ※ ◎
14D821K
510
670
738
820
902
1355
50
157.0
4500
0.6
330
☆ △ ※ ◎
14D911K
550
745
819
910
1001
1500
50
175.0
4500
0.6
300
☆ △ ※ ◎
14D102K
625
825
900
1000
1100
1650
50
190.0
4500
0.6
300
☆ △ ※ ◎
14D112K
680
895
990
1100
1210
1815
50
213.0
4500
0.6
200
☆
※ ◎
14D182K
1000
1465
1620
1800
1980
2970
50
337.0
4500
0.6
150
☆
Standard No.
File No.
Symbols
△☆
※
◎
E165143
E150709
LR109736-1
21557-4790-001
Varistors for use in
Components
Surge Suppressors
for Electronic Products
Electronic equipment
Title
Across-The-Line
Transient Voltage
Accessories and Parts
Related Standards
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Voltage
(@1mA)
(8/20µs)
Maximum
Varistor
Clamping Voltage
Allowable
Voltage
@ Test Current
TYEE Products Inc.
http://www.tyeeusa.com/
Page:5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com