Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

331K Datasheet(PDF) 10 Page - TYEE Products Inc

Part # 331K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

331K Datasheet(HTML) 10 Page - TYEE Products Inc

Back Button 331K Datasheet HTML 6Page - TYEE Products Inc 331K Datasheet HTML 7Page - TYEE Products Inc 331K Datasheet HTML 8Page - TYEE Products Inc 331K Datasheet HTML 9Page - TYEE Products Inc 331K Datasheet HTML 10Page - TYEE Products Inc 331K Datasheet HTML 11Page - TYEE Products Inc 331K Datasheet HTML 12Page - TYEE Products Inc 331K Datasheet HTML 13Page - TYEE Products Inc 331K Datasheet HTML 14Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Tape and Reel Fig.
05D、07D Type I Lead
FIG 1
05D、07D Straight Lead
FIG 2
10D Type I Lead
FIG 3
FIG 4
14D Type I Lead
FIG 5
14D Straight Lead
FIG
6
Taping product ordering Information
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
-BTK
-BTI
-BTH
-TRK
-TRI
-TRH
OUTSIDE
INSIDE
CRIMPED
OUTSIDE
INSIDE
CRIMPED
KINK
KINK
KINK
KINK
10D Straight Lead
10DXXXK-TRS
14DXXXK-TRS
Striaght Lead
Striaght Lead
Type I Lead
Type II
Lead
Type III
Lead
05DXXXK-TRS
05DXXXK-BTS
Type III
Lead
Tape & Reel
Flax Box
07DXXXK-TRS
Type I Lead Type II Lead
07DXXXK-BTS
10DXXXK-BTS
TYEE Products Inc.
http://www.tyeeusa.com/
Page:10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com