Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

331K Datasheet(PDF) 14 Page - TYEE Products Inc

Part # 331K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

331K Datasheet(HTML) 14 Page - TYEE Products Inc

Back Button 331K Datasheet HTML 7Page - TYEE Products Inc 331K Datasheet HTML 8Page - TYEE Products Inc 331K Datasheet HTML 9Page - TYEE Products Inc 331K Datasheet HTML 10Page - TYEE Products Inc 331K Datasheet HTML 11Page - TYEE Products Inc 331K Datasheet HTML 12Page - TYEE Products Inc 331K Datasheet HTML 13Page - TYEE Products Inc 331K Datasheet HTML 14Page - TYEE Products Inc 331K Datasheet HTML 15Page - TYEE Products Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
(Electrical)
05D180K to 05D680K
0.45A (2 ms)
05D820K to 05D471K
14A (8/20μs)
07D180K to 07D680K
12A (8/20μs)
07D820K to 07D471K
35A (8/20μs)
10D180K to 10D680K
35A (8/20μs)
10D820K to 10D471K
70A (8/20μs)
14D180K to 14D680K
45A (8/20μs)
14D820K to 14D471K
90A (8/20μs)
20D180K to 20D680K
55A (8/20μs)
20D820K to 20D471K
100A (8/20μs)
(Mechanical)
Approximately 95% of
the terminals shall be
covered
with solder
uni-formly
Resistance to
Soldering Heat
After each lead shall be dipped into a solder bath having a temperature
260±5℃ (3 series: 250±5℃) to a point 2.0 to 2.5 mm from the body of the
unit, using shieldig board (t=1.5mm), be held there for specified time
(3series: 3±1 s, 5 series: 5±1 s and others: 10±1 s ), and then be stored at
room temperature and humidity for 1 to 2 hours. The change of Vc and
mechanical damages are examined.
△VcmA/VcmA≦±5%
No outstanding
damage
Vibration
After repeadly applying a single harmonic vibration (amplitude: 0.75 mm)
double amplitude:1.5mm with 1 minute vibration frequency cycles (10
Hz to 55 Hz to 10 Hz) to each of three perpendicular directions for
2 hours. Thereafter, the unit shall be visually examined.
Solderadilty
After dipping the terminals to a depth of approximately 3mm from the body
in a soldering bath of 235±5℃ for 2±0.5 seconds, the terminal shall be
visually examined.
Robustness of
Terminations
(Bending)
The unit shall be secured with its terminal kept vertical and the
force specified below be applied in the axial direction.
The terminal shall gradually be bent by 90° in one direction, then 90°in the
opposite direction, and again back to the original position.
The damage of the terminal shall be visually examined.
Terminal diameter
Force
Ø 0.6 mm
4.9 N (0.5Kgf)
Ø 0.8 mm
4.9 N (0.5Kgf)
Ø 1.0 mm
9.8 N (1.0Kgf)
Characteristics
Test Methods
Specifications
Robustness of
Terminations
(Tensile)
After gradually applying the force specified below and keeping the
unit fixed for the seconds, the terminal shall be visually examined for
any damage.
No outstanding
damage
Terminal diameter
Force
Ø 0.6 mm
9.8 N (1.0Kgf)
Ø 0.8 mm
9.8 N (1.0Kgf)
Ø 1.0 mm
19.6 N (2.0Kgf)
20 Series
Note: Varistor voltage change of forward direction shall be measured in the test of uni-pole surge life and DC load life
10 Series
14 Series
Characteristics
Test Methods
Specifications
Impulse Life(II)
The change of Vc shall be measured after the impulse listed below
is applied 100000 times continuously with the interval of ten seconds at
room temperature .
△VcmA/VcmA≦±10%
5 Series
7 Series
TYEE Products Inc.
http://www.tyeeusa.com/
Page:14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com