Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS49UG Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMP86CS49UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 207Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 208Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 209Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 210Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 211Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 212Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 213Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 214Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 252 page
background image
Page 197
TMP86CS49UG
16.5 I2C Bus Control
The following registers are used to control the serial bus interface and monitor the operation status of the I2C bus.
Note 1: fc: High-frequency clock [Hz], *: Don't care
Note 2: SBICRA cannot be used with any of read-modify-write instructions such as bit manipulation, etc.
Note 3: Do not set SCK as the frequency that is over 100 kHz.
Note 1: For writing transmitted data, start from the MSB (Bit7).
Note 2: The data which was written into SBIDBR can not be read, since a write data buffer and a read buffer are independent in
SBIDBR. Therefore, SBIDBR cannot be used with any of read-modify-write instructions such as bit manipulation, etc.
Note 3: *: Don't care
Serial Bus Interface Control Register A
SBICRA
(0F90H)
7
6
5
43210
BC
ACK
SCK
(Initial value: 0000 *000)
BC
Number of transferred bits
BC
ACK = 0
ACK = 1
Write
only
Number of
Clock
Bits
Number of
Clock
Bits
000:
8
8
9
8
001:
1
1
2
1
010:
2
2
3
2
011:
3
3
4
3
100:
4
4
5
4
101:
5
5
6
5
110:
6
676
111:
7
7
8
7
ACK
Acknowledgement mode
specification
ACK
Master mode
Slave mode
R/W
0:
Not generate a clock pulse for
an acknowledgement.
Not count a clock pulse for
an acknowledgement.
1:
Generate a clock pulse for an
acknowledgement.
Count a clock pulse for an
acknowledgement.
SCK
Serial clock (fscl) selection
(Output on SCL pin)
[fscl = 1/(2n+1/fc + 8/fc)]
SCK
n
At fc = 16 MHz
At fc = 8 MHz
At fc = 4 MHz
Write
only
000:
4
Reserved
Reserved
100.0 kHz
001:
5
Reserved
Reserved
55.6 kHz
010:
6
Reserved
58.8 kHz
29.4 kHz
011:
7
60.6 kHz
30.3 kHz
15.2 kHz
100:
8
30.8 kHz
15.4 kHz
7.7 kHz
101:
9
15.5 kHz
7.8 kHz
3.9 kHz
110:
10
7.8 kHz
3.9 kHz
1.9 kHz
111:
Reserved
Serial Bus Interface Data Buffer Register
SBIDBR
(0F91H)
7
6
5
43210
(Initial value: **** ****) R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com