Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS49UG Datasheet(PDF) 213 Page - Toshiba Semiconductor

Part # TMP86CS49UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG Datasheet(HTML) 213 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 209Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 210Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 211Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 212Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 213Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 214Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 215Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 216Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 217Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 252 page
background image
Page 199
TMP86CS49UG
16.5.1 Acknowledgement mode specification
16.5.1.1 Acknowledgment mode (ACK = “1”)
To set the device as an acknowledgment mode, the ACK (Bit4 in SBICRA) should be set to “1”. When
a serial bus interface circuit is a master mode, an additional clock pulse is generated for an acknowledge
signal. In a slave mode, a clock is counted for the acknowledge signal.
In the master transmitter mode, the SDA pin is released in order to receive an acknowledge signal from
the receiver during additional clock pulse cycle. In the master receiver mode, the SDA pin is set to low
level generation an acknowledge signal during additional clock pulse cycle.
In a slave mode, when a received slave address matches to a slave address which is set to the I2CAR or
when a “GENERAL CALL” is received, the SDA pin is set to low level generating an acknowledge sig-
nal. After the matching of slave address or the detection of “GENERAL CALL”, in the transmitter, the
SDA pin is released in order to receive an acknowledge signal from the receiver during additional clock
pulse cycle. In a receiver, the SDA pin is set to low level generation an acknowledge signal during addi-
tional clock pulse cycle after the matching of slave address or the detection of “GENERAL CALL”
The Table 16-1 shows the SCL and SDA pins status in acknowledgment mode.
16.5.1.2 Non-acknowledgment mode (ACK = “0”)
To set the device as a non-acknowledgement mode, the ACK (Bit4 in SBICRA) should be cleared to
“0”.
MST
Master/slave selection status
monitor
0:
Slave
Read
only
1:
Master
TRX
Transmitter/receiver selection
status monitor
0:
Receiver
1:
Transmitter
BB
Bus status monitor
0:
Bus free
1:
Bus busy
PIN
Interrupt service requests sta-
tus monitor
0:
Requesting interrupt service
1:
Releasing interrupt service request
AL
Arbitration lost detection monitor
0:
–
1:
Arbitration lost detected
AAS
Slave address match detection
monitor
0:
-
1:
Detect slave address match or "GENERAL CALL"
AD0
"GENERAL CALL" detection
monitor
0:
-
1:
Detect "GENERAL CALL"
LRB
Last received bit monitor
0:
Last receive bit is "0"
1:
Last receiv bit is "1"
Table 16-1 SCL and SDA Pins Status in Acknowledgement Mode
Mode
Pin
Transmitter
Receiver
Master
SCL
An additional clock pulse is generated.
SDA
Released in order to receive
an acknowledge signal.
Set to low level generating an
acknowledge signal
Slave
SCL
A clock is counted for the acknowledge signal.
SDA
When slave address matches
or a general call is detected
–
Set to low level generating an
acknowledge signal.
After matching of slave
address or general call
Released in order to receive
an acknowledge signal.
Set to low level generating an
acknowledge signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com