Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6260 Datasheet(PDF) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6260
Description  Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6260 Datasheet(HTML) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6260 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6260 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
V1.5
2(10)
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
CE6260
Si
PIN CONFIGURATION(Pin output sequence can be ordered by customer)
PIN NUMBER
PIN NAME
FUNCTION
SOT-23-3
SOT-89-3
M
P
PT
1
1
2
VSS
Ground
2
3
1
VOUT
Output
3
2
3
VIN
Power input
SOT-23-5
SOT-89-5
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~VSS+8
V
Output Current
IOUT
600
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT-89
Pd
500
mW
SOT-23
Pd
250
mW
Operating Temperature
TOpr
-40~+85
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tsolder
260 , 10s
℃
PIN NUMBER
SYMBOL
FUNCTION
1
VIN
Power Input Pin
2
VSS
Ground
3
CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output Pin
PIN NUMBER
SYMBOL
FUNCTION
1
VOUT
Output Pin
2
VSS
Ground
3
NC
No Connection
4
CE
Chip Enable Pin
5
VIN
Power Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com