Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6260 Datasheet (PDF) - NANJING CHIPOWER ELECTRONICS INC.

CE6260 Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.
Part # CE6260
Download  CE6260 Download
File Size   393.15 Kbytes
Page   10 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator

CE6260 Datasheet (PDF)

Go To PDF Page Download Datasheet
CE6260 Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6260
Download  CE6260 Click to download

File Size   393.15 Kbytes
Page   10 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator

CE6260 Datasheet (HTML) - NANJING CHIPOWER ELECTRONICS INC.


CE6260 Product details

„ FEATURES
z Output Current: 500mA (Typ.)
z Quick Start-Up: 50μs (Typ.)
z Built-in Quick Discharge Circuit
z Output Voltage Range:
0.9V~5.0V(selectable in 0.1V steps)
z High Accuracy: ±2%(Typ.)
z Dropout Voltage:
120mV@100mA(3.0V Typ.)
z Excellent Line Regulation: 0.1%/V
z Built-in Current Limiter
z Built-in Short Circuit Protection
z Static safety, 2KV@HBM
z TC: 100ppm/℃
z Low ESR Capacitor: Ceramic
Compatible




Similar Part No. - CE6260

ManufacturerPart #DatasheetDescription
logo
NANJING CHIPOWER ELECTR...
CE6208 CHIPOWER-CE6208 Datasheet
387Kb / 11P
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
V1.1
CE6219 CHIPOWER-CE6219 Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
CE6219P33M CHIPOWER-CE6219P33M Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
logo
Adam Technologies, Inc.
CE62U ADAM-TECH-CE62U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CE62U ADAM-TECH-CE62U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results


Similar Description - CE6260

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com