Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6219 Datasheet (PDF) - NANJING CHIPOWER ELECTRONICS INC.

CE6219 Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.
Part # CE6219
Download  CE6219 Download
File Size   379.35 Kbytes
Page   10 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Low Dropout Voltage 300mA CMOS LDO Regulator

CE6219 Datasheet (PDF)

Go To PDF Page Download Datasheet
CE6219 Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6219
Download  CE6219 Click to download

File Size   379.35 Kbytes
Page   10 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Low Dropout Voltage 300mA CMOS LDO Regulator

CE6219 Datasheet (HTML) - NANJING CHIPOWER ELECTRONICS INC.


CE6219 Product details

FEATURES
z Output Current: 300mA
z Output Voltage Range: 0.9V~5.0V,
(selectable in 0.1V steps)
z High Accuracy: ±2%(Typ.)
z Low Dropout Voltage:
150mV@100mA(3.0V Typ.)
z Excellent Line Regulation: 0.1%/V
z Built-in Current Limiter
z Built-in Short Circuit Protection
z Static safety: 2KV@HBM
z TC: 100ppm/℃
z Ceramic Capacitor Compatible

APPLICATIONS
z Battery powered systems
z Portable instrumentations
z Radio control systems
z Portable consumer equipments
z Portable/Palm computers
z Reference Voltage Sources




Similar Part No. - CE6219

ManufacturerPart #DatasheetDescription
logo
NANJING CHIPOWER ELECTR...
CE6208 CHIPOWER-CE6208 Datasheet
387Kb / 11P
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
V1.1
CE6260 CHIPOWER-CE6260 Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
CE6260B33M CHIPOWER-CE6260B33M Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
logo
Adam Technologies, Inc.
CE62U ADAM-TECH-CE62U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CE62U ADAM-TECH-CE62U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results


Similar Description - CE6219

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com