Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6219 Datasheet(PDF) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6219
Description  Low Dropout Voltage 300mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6219 Datasheet(HTML) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6219 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6219 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V1.3
1 (10)
Low Dropout Voltage 300mA CMOS LDO Regulator
CE6219 Series
INTRODUCTION
The CE6219 Series are a group of positive
voltage regulators manufactured by CMOS
technologies with high ripple rejection,
extremely low power consumption and low
dropout voltage, which provide large output
currents even when the difference of the
input-output voltage is small. Thus the
CE6219 series are very suitable for the
battery-powered
equipments,
such
as
portable/palm
computers,
portable
consumer
equipments,
industry
equipments and so on, which want to
prolong the using life of the battery.
FEATURES
Output Current: 300mA
Output Voltage Range: 0.9V ~ 5.0V,
(
selectable in 0.1V steps)
High Accuracy: ±2%(Typ.)
Low Dropout Voltage:
150mV@100mA(3.0V Typ.)
Excellent Line Regulation: 0.1%/V
Built-in Current Limiter
Built-in Short Circuit Protection
Static safety: 2KV@HBM
TC: 100ppm/℃
Ceramic Capacitor Compatible
APPLICATIONS
Battery powered systems
Portable instrumentations
Radio control systems
Portable consumer equipments
Portable/Palm computers
Reference Voltage Sources
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPITION
①
P
Standard
②③
Integer
Output Voltage(0.9~5V)
e.g:3.0V=②:3, ③:0
④
M
Package:SOT-23-3
P
Package:SOT-89-3
T
Package:TO-92
MR
Package:SOT-23-5
Low Dropout Voltage
300mA CMOS LDO Regulator
CE6219 Series
CE6219①②③④


Similar Part No. - CE6219

ManufacturerPart #DatasheetDescription
logo
NANJING CHIPOWER ELECTR...
CE6208 CHIPOWER-CE6208 Datasheet
387Kb / 11P
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
V1.1
CE6260 CHIPOWER-CE6260 Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
CE6260B33M CHIPOWER-CE6260B33M Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
logo
Adam Technologies, Inc.
CE62U ADAM-TECH-CE62U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CE62U ADAM-TECH-CE62U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CE6219

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com