Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 294 page
background image
Page 56
5. I/O Ports
5.5 Port P4 (P47 to P40)
TMP86FS49AFG
5.5 Port P4 (P47 to P40)
Port P4 is an 8-bit input/output port.
Port P4 is also used as a serial interface input/output and an UART input/output.
When used as an input port, a serial interface input/output and an UART input/output, the corresponding output
latch (P4DR) should be set to "1".
During reset, the P4DR is initialized to "1", and the P4OUTCR is initialized to "0".
It can be selected whether output circuit of P4 port is a C-MOS output or a sink open drain individually, by setting
P4OUTCR. When a corresponding bit of P4OUTCR is "0". the output circuit is selected to a sink open drain and
when a corresponding bit of P4OUTCR is "1", the output circuit is selected to a C-MOS output.
When used as an input port, a serial interface input and an UART input, the corresponding output control
(P4OUTCR) should be set to "0" after P4DR is set to "1".
P4 port output latch (P4DR) and P4 port terminal input (P4PRD) are located on their respective address.
When read the output latch data, the P4DR should be read. When read the terminal input data, the P4PRD register
should be read.
Note: i = 7 to 0
Figure 5-6 Port 4
Table 5-3 Register Programming for Multi-function Ports (P47 to P40)
Function
Programmed Value
P4DR
P4OUTCR
Port input UART input or serial interface input
“1”
“0”
Port “0” output
“0”
Programming
for each applica-
tions
Port “1” output UART output or serial interface
output
“1”
Data output (P4DR)
Control output
STOP
OUTEN
P4OUTCRi
DQ
P4i
P4OUTCRi input
Data input (P4PRD)
Output latch read (P4DR)
Control input
DQ
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com