Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 294 page
background image
Page 58
5. I/O Ports
5.6 Port P5 (P54 to P50) (Large Current Port)
TMP86FS49AFG
5.6 Port P5 (P54 to P50) (Large Current Port)
Port P5 is an 5-bit input/output port.
Port P5 is also used as an I2C Bus input/output.
When used as an input port and I2C Bus input/output, the corresponding output latch (P5DR) should be set to "1".
During reset, the P5DR is initialized to "1".
P5 port output latch (P5DR) and P5 port terminal input (P5PRD) are located on their respective address.
When read the output latch data, the P5DR should be read. When read the terminal input data, the P5PRD register
should be read.
If a read instruction is executed for port P5, read data of bit 7 to 5 are unstable.
Note: i = 4 to 0
Figure 5-7 Port 5
P5DR
(0005H)
R/W
76
543
21
0
P54P53P52P51
SDA
P50
SCL
(Initial value: ***1 1111)
P5PRD
(000FH)
Read only
P54P53P52P51
P50
Data output (P5DR)
Control output
STOP
OUTEN
DQ
P5i
Data input (P5PRD)
Output latch read (P5DR)
Control input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com