Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 107Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 294 page
background image
Page 95
TMP86FS49AFG
9.3 Function
The timer/counter 2 has three operating modes: timer, event counter and window modes.
And if fc or fs is selected as the source clock in timer mode, when switching the timer mode from SLOW1 to
NORMAL2, the timer/counter2 can generate warm-up time until the oscillator is stable.
9.3.1 Timer mode
In this mode, the internal clock is used for counting up. The contents of TC2DR are compared with the con-
tents of up counter. If a match is found, a timer/counter 2 interrupt (INTTC2) is generated, and the counter is
cleared. Counting up is resumed after the counter is cleared.
When fc is selected for source clock at SLOW2 mode, lower 11-bits of TC2DR are ignored and generated a
interrupt by matching upper 5-bits only. Though, in this situation, it is necessary to set TC2DRH only.
Note:When fc is selected as the source clock in timer mode, it is used at warm-up for switching from SLOW1 mode
to NORMAL2 mode.
Table 9-1 Source Clock (Internal clock) for Timer/Counter2 (at fc = 16 MHz, DV7CK=0)
TC2C
K
NORMAL1/2, IDLE1/2 mode
SLOW1/2 mode
SLEEP1/2 mode
DV7CK = 0
DV7CK = 1
Resolution
Maximum Time Set-
ting
Resolution
Maximum Time Set-
ting
Resolu-
tion
Maxi-
mum
Time
Setting
Resolu-
tion
Maxi-
mum
Time
Setting
000
524.29 [ms]
9.54 [h]
1 [s]
18.2 [h]
1 [s]
18.2 [h]
1 [s]
18.2 [h]
001
512.0 [ms]
33.55 [s]
0.98 [ms]
1.07 [min]
0.98 [ms]
1.07
[min]
0.98 [ms]
1.07
[min]
010
16.0 [ms]
1.05 [s]
16.0 [ms]
1.05 [s]
–
–
–
–
011
0.5 [ms]
32.77 [ms]
0.5 [ms]
32.77 [ms]
–
–
–
–
100
–
–
–
–
62.5 [ns]
–
–
–
101
30.52 [ms]
2 [s]
30.52 [ms]
2 [s]
–
–
–
–
Example :Sets the timer mode with source clock fc/23 [Hz] and generates an interrupt every 25 ms (at fc = 16 MHz )
LDW
(TC2DR), 061AH
; Sets TC2DR (25 ms ³ 28/fc = 061AH)
DI
; IMF= “0”
SET
(EIRE). 6
; Enables INTTC2 interrupt
EI
; IMF= “1”
LD
(TC2CR), 00001000B
; Source clock / mode select
LD
(TC2CR), 00101000B
; Starts Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com