Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 158Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 294 page
background image
Page 146
12. Asynchronous Serial interface (UART1 )
12.9 Status Flag
TMP86FS49AFG
Figure 12-7 Generation of Overrun Error
Note:Receive operations are disabled until the overrun error flag UART1SR<OERR> is cleared.
12.9.4 Receive Data Buffer Full
Loading the received data in RD1BUF sets receive data buffer full flag UART1SR<RBFL> to "1". The
UART1SR<RBFL> is cleared to “0” when the RD1BUF is read after reading the UART1SR.
Figure 12-8 Generation of Receive Data Buffer Full
Note:If the overrun error flag UART1SR<OERR> is set during the period between reading the UART1SR and read-
ing the RD1BUF, it cannot be cleared by only reading the RD1BUF. Therefore, after reading the RD1BUF,
read the UART1SR again to check whether or not the overrun error flag which should have been cleared still
remains set.
12.9.5 Transmit Data Buffer Empty
When no data is in the transmit buffer TD1BUF, that is, when data in TD1BUF are transferred to the transmit
shift register and data transmit starts, transmit data buffer empty flag UART1SR<TBEP> is set to “1”. The
UART1SR<TBEP> is cleared to “0” when the TD1BUF is written after reading the UART1SR.
Final bit
Stop
Shift register
xxxx0*
1xxxx0
yyyy
xxx0**
RXD1 pin
UART1SR<OERR>
INTRXD1 interrupt
After reading UART1SR then
RD1BUF clears OERR.
RD1BUF
UART1SR<RBFL>
Final bit
Stop
Shift register
xxxx0*
1xxxx0
xxxx
yyyy
xxx0**
RXD1 pin
UART1SR<RBFL>
INTRXD1 interrupt
RD1BUF
After reading UART1SR then
RD1BUF clears RBFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com