Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 294 page
background image
Page 155
TMP86FS49AFG
13.9 Status Flag
13.9.1 Parity Error
When parity determined using the receive data bits differs from the received parity bit, the parity error flag
UART2SR<PERR> is set to “1”. The UART2SR<PERR> is cleared to “0” when the RD2BUF is read after
reading the UART2SR.
Figure 13-5 Generation of Parity Error
13.9.2 Framing Error
When “0” is sampled as the stop bit in the receive data, framing error flag UART2SR<FERR> is set to “1”.
The UART2SR<FERR> is cleared to “0” when the RD2BUF is read after reading the UART2SR.
Figure 13-6 Generation of Framing Error
13.9.3 Overrun Error
When all bits in the next data are received while unread data are still in RD2BUF, overrun error flag
UART2SR<OERR> is set to “1”. In this case, the receive data is discarded; data in RD2BUF are not affected.
The UART2SR<OERR> is cleared to “0” when the RD2BUF is read after reading the UART2SR.
Parity
Stop
Shift register
pxxxx0*
1pxxxx0
xxxx0**
RXD2 pin
UART2SR<PERR>
INTRXD2 interrupt
After reading UART2SR then
RD2BUF clears PERR.
Final bit
Stop
Shift register
xxxx0*
0xxxx0
xxx0**
RXD2 pin
UART2SR<FERR>
INTRXD2 interrupt
After reading UART2SR then
RD2BUF clears FERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com