Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 294 page
background image
Page 167
TMP86FS49AFG
Figure 14-7 Exaple of External Clock and MSB Transmit Mode
Figure 14-8 Hold Time of the End of Transmit Mode
(4) Transmit error processing
Transmit errors occur on the following situation.
• Shift operation starts before writing next transmit data to SIO1TDB in external clock opera-
tion.
If transmit errors occur during transmit operation, SIO1SR<TXERR> is set to “1” immedi-
ately after starting shift operation. Synchronizing with the next serial clock falling edge,
INTSIO1 interrupt request is generated.
If shift operation starts before writing data to SIO1TDB after SIO1CR<SIOS> is set to “1”,
SIO1SR<TXERR> is set to “1” immediately after shift operation is started and then
INTSIO1 interrupt request is generated.
SIO1 pin is kept in high level when SIO1SR<TXERR> is set to “1”. When transmit error
occurs, transmit operation must be forcibly stop by writing SIO1CR<SIOINH> to “1”. In
this case, SIO1CR<SIOS>, SIO1SR register, SIO1RDB register and SIO1TDB register are
initialized.
Writing transmit
data C
Writing transmit
data B
Writing transmit
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Writing transmit data
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin
SO1 pin
SIO1SR<TXF>
INTSIO1
interrupt
request
SIO1TDB <SIOS>
4/fc
8/fc
tSODH
tSODH
<
<
SCK1
pin
SIO1SR<SIOF>
SO1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com