Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 294 page
background image
Page 183
TMP86FS49AFG
(2) LSB receive mode
LSB receive mode is selected by setting SIO2CR<SIODIR> to “1”, in which case the data is
received sequentially beginning with the least significant bit (Bit0).
15.3.2.3 Transmit/receive mode
(1) MSB transmit/receive mode
MSB transmit/receive mode are selected by setting SIO2CR<SIODIR> to “0” in which case the
data is transferred sequentially beginning with the most significant bit (Bit7) and the data is received
sequentially beginning with the most significant (Bit7).
(2) LSB transmit/receive mode
LSB transmit/receive mode are selected by setting SIO2CR<SIODIR> to “1”, in which case the
data is transferred sequentially beginning with the least significant bit (Bit0) and the data is received
sequentially beginning with the least significant (Bit0).
15.3.3 Transfer modes
Transmit, receive and transmit/receive mode are selected by using SIO2CR<SIOM>.
15.3.3.1 Transmit mode
Transmit mode is selected by writing “00B” to SIO2CR<SIOM>.
(1) Starting the transmit operation
Transmit mode is selected by setting “00B” to SIO2CR<SIOM>. Serial clock is selected by using
SIO2CR<SCK>. Transfer direction is selected by using SIO2CR<SIODIR>.
When a transmit data is written to the transmit buffer register (SIO2TDB), SIO2SR<TXF> is
cleared to “0”.
After SIO2CR<SIOS> is set to “1”, SIO2SR<SIOF> is set synchronously to “1” the falling edge of
SCK2
pin.
The data is transferred sequentially starting from SO2 pin with the direction of the bit specified by
SIO2CR<SIODIR>, synchronizing with the SCK2 pin's falling edge.
SIO2SR<SEF> is kept in high level, between the first clock falling edge of SCK2 pin and eighth
clock falling edge.
SIO2SR<TXF> is set to “1” at the rising edge of pin after the data written to the SIO2TDB is
transferred to shift register, then the INTSIO2 interrupt request is generated, synchronizing with the
next falling edge on SCK2 pin.
Note 1: In internal clock operation, when SIO2CR<SIOS> is set to "1", transfer mode does not start with-
out writing a transmit data to the transmit buffer register (SIO2TDB).
Note 2: In internal clock operation, when the SIO2CR<SIOS> is set to "1", SIO2TDB is transferred to
shift register after maximum 1-cycle of serial clock frequency, then a serial clock is output from
SCK2
pin.
Note 3: In external clock operation, when the falling edge is input from SCK2 pin after SIO2CR<SIOS> is
set to "1", SIO2TDB is transferred to shift register immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com