Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 280Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 281Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 282Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 283Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 294 page
background image
Page 268
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS49AFG
22.2 Recommended Operating Conditions
The recommended operating conditions for a device are operating conditions under which it can be guaranteed that
the device will operate as specified. If the device is used under operating conditions other than the recommended
operating conditions (supply voltage, operating temperature range, specified AC/DC values etc.), malfunction may
occur. Thus, when designing products which include this device, ensure that the recommended operating conditions
for the device are always adhered to.
22.2.1 MCU mode (Flash Programming or erasing)
22.2.2 MCU mode (Except Flash Programming or erasing)
(VSS = 0 V, Topr = -10 to 40°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
1.0
16.0
MHz
(VSS = 0 V, Topr = -40 to 85°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
(Condition 1)
VDD
fc = 16 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
4.5
5.5
V
fc = 8 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
3.0
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Supply voltage
(Condition 2)
(Note1)
fc = 8 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
2.7
3.0
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
V
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 2.7 to 3.0V (Note1)
1.0
8.0
MHz
VDD = 3.0 to 5.5V
VDD = 4.5 to 5.5V
16.0
fs
XTIN, XTOUT
VDD = 2.7 to 3.0V (Note1)
30.0
34.0
kHz
VDD = 3.0 to 5.5V
Note 1:
When the supply voltage VDD is less than 3.0 V, the operating temperature Topr must be in a range of -20°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com