Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 272 page
background image
Page 174
13. Asynchronous Serial interface (UART0 )
13.3 Transfer Data Format
TMP86FS28DFG
13.3 Transfer Data Format
In UART0, an one-bit start bit (Low level), stop bit (Bit length selectable at high level, by UART0CR1<STBT>),
and parity (Select parity in UART0CR1<PE>; even- or odd-numbered parity by UART0CR1<EVEN>) are added to
the transfer data. The transfer data formats are shown as follows.
Figure 13-2 Transfer Data Format
Figure 13-3 Caution on Changing Transfer Data Format
Note: In order to switch the transfer data format, perform transmit operations in the above Figure 13-3 sequence except
for the initial setting.
Start
Bit 0
Bit 1
Bit 6
Bit 7
Stop 1
Start
Bit 0
Bit 1
Bit 6
Bit 7
Stop 1
Stop 2
Start
Bit 0
Bit 1
Bit 6
Bit 7
Parity
Stop 1
Start
Bit 0
Bit 1
Bit 6
Bit 7
Parity
Stop 1
Stop 2
PE
0
0
1
1
STBT
Frame Length
0
1
123
89
10
11
12
0
1
Without parity / 1 STOP bit
With parity / 1 STOP bit
Without parity / 2 STOP bit
With parity / 2 STOP bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com