Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 190 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 190 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 194Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 272 page
background image
Page 178
13. Asynchronous Serial interface (UART0 )
13.9 Status Flag
TMP86FS28DFG
Figure 13-7 Generation of Overrun Error
Note:Receive operations are disabled until the overrun error flag UART0SR<OERR> is cleared.
13.9.4 Receive Data Buffer Full
Loading the received data in RD0BUF sets receive data buffer full flag UART0SR<RBFL> to "1". The
UART0SR<RBFL> is cleared to “0” when the RD0BUF is read after reading the UART0SR.
Figure 13-8 Generation of Receive Data Buffer Full
Note:If the overrun error flag UART0SR<OERR> is set during the period between reading the UART0SR and read-
ing the RD0BUF, it cannot be cleared by only reading the RD0BUF. Therefore, after reading the RD0BUF,
read the UART0SR again to check whether or not the overrun error flag which should have been cleared still
remains set.
13.9.5 Transmit Data Buffer Empty
When no data is in the transmit buffer TD0BUF, that is, when data in TD0BUF are transferred to the transmit
shift register and data transmit starts, transmit data buffer empty flag UART0SR<TBEP> is set to “1”. The
UART0SR<TBEP> is cleared to “0” when the TD0BUF is written after reading the UART0SR.
Final bit
Stop
Shift register
xxxx0*
1xxxx0
yyyy
xxx0**
RXD0 pin
UART0SR<OERR>
INTRXD0 interrupt
After reading UART0SR then
RD0BUF clears OERR.
RD0BUF
UART0SR<RBFL>
Final bit
Stop
Shift register
xxxx0*
1xxxx0
xxxx
yyyy
xxx0**
RXD0 pin
UART0SR<RBFL>
INTRXD0 interrupt
RD0BUF
After reading UART0SR then
RD0BUF clears RBFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com