Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 272 page
background image
Page 194
16. LCD Driver
16.2 Control
TMP86FS28DFG
16.2 Control
The LCD driver is controlled using the LCD control register (LCDCR). The LCD driver’s display is enabled using
the EDSP.
Note 1: When <BRES>(Booster circuit control) is set to “0”, VDD ≥ V3 ≥ V2 ≥ V1 ≥ VSS should be satisfied.
When <BRES> is set to “1”, 5.5 [V]
≥ V3 ≥ VDD should be satisfied.
If these conditions are not satisfied, it not only affects the quality of LCD display but also may damage the device due to
over voltage of the port.
Note 2: When used as the booster circuit, bias should be composed to 1/3. Therefore, do not set LCDCR<DUTY> to "10" or "11"
when the booster circuit is enable.
Note 3: Do not set SLF to “10” or “11” in SLOW1/2 modes.
Note 4: Do not set VFSEL to “11” SLOW1/2 modes.
LCD Driver Control Register
LCDCR
(0FD9H)
76
543
21
0
EDSP
BRES
VFSEL
DUTY
SLF
(Initial value: 0000 0000)
EDSP
LCD Display Control
0: Blanking
1: Enables LCD display (Blanking is released)
R/W
BRES
Booster circuit control
0: Disable (use divider resistance)
1: Enable
VFSEL
Selection of boost frequency
NORMAL1/2, IDLE/1/2 mode
SLOW1/2,
SLEEP0/1/2 mode
DV7CK = 0
DV7CK = 1
00
fc/213
fs/25
fs/25
01
fc/211
fs/23
fs/23
10
fc/210
fs/22
fs/22
11
fc/29
fc/29
–
DUTY
Selection of driving methods
00: 1/4 Duty (1/3 Bias)
01: 1/3 Duty (1/3 Bias)
10: 1/2 Duty (1/2 Bias)
11: Static
SLF
Selection of LCD frame fre-
quency
NORMAL1/2, IDLE/1/2 mode
SLOW1/2,
SLEEP0/1/2 mode
DV7CK = 0
DV7CK = 1
00
fc/217
fs/29
fs/29
01
fc/216
fs/28
fs/28
10
fc/215
fc/215
–
11
fc/213
fc/213
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com