Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 272 page
background image
Page 196
16. LCD Driver
16.2 Control
TMP86FS28DFG
16.2.2 Frame frequency
Frame frequency (fF) is set according to driving method and base frequency as shown in the following Table
16-1. The base frequency is selected by LCDCR<SLF> according to the frequency fc and fs of the basic clock
to be used.
Note: fc: High-frequency clock [Hz]
Note: fs: Low-frequency clock [Hz]
Table 16-1 Setting of LCD Frame Frequency
(a) At the single clock mode. At the dual clock mode (DV7CK = 0).
SLF
Base frequency [Hz]
Frame frequency [Hz]
1/4 Duty
1/3 Duty
1/2 Duty
Static
00
(fc = 16 MHz)
122
163
244
122
(fc = 8 MHz)
61
81
122
61
01
(fc = 8 MHz)
122
163
244
122
(fc = 4 MHz)
61
81
122
61
10
(fc = 4 MHz)
122
163
244
122
(fc = 2 MHz)
61
81
122
61
11
(fc = 1 MHz)
122
163
244
122
Table 16-2
(b) At the dual clock mode (DV7CK = 1 or SYSCK = 1)
SLF
Base frequency [Hz]
Frame frequency [Hz]
1/4 Duty
1/3 Duty
1/2 Duty
Static
00
(fs = 32.768 kHz)
64
85
128
64
01
(fs = 32.768 kHz)
128
171
256
128
fc
2
17
--------
fc
2
17
--------
4
3
---
fc
2
17
--------
•
4
2
---
fc
2
17
--------
•
fc
2
17
--------
fc
2
16
--------
fc
2
16
--------
4
3
---
fc
2
16
--------
•
4
2
---
fc
2
16
--------
•
fc
2
16
--------
fc
2
15
--------
fc
2
15
--------
4
3
---
fc
2
15
--------
•
4
2
---
fc
2
15
--------
•
fc
2
15
--------
fc
2
13
--------
fc
2
13
--------
4
3
---
fc
2
13
--------
•
4
2
---
fc
2
13
--------
•
fc
2
13
--------
fs
2
9
------
fs
2
9
------
4
3
--- fs
2
9
------
•
4
2
--- fs
2
9
------
•
fs
2
9
------
fs
2
8
------
fs
2
8
------
4
3
--- fs
2
8
------
•
4
2
--- fs
2
8
------
•
fs
2
8
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com