Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 212 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 212 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 215Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 216Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 272 page
background image
Page 200
16. LCD Driver
16.3 LCD Display Operation
TMP86FS28DFG
Note: –: This bit is not used for display data
16.3.2 Blanking
Blanking is enabled when EDSP is cleared to “0”.
Blanking turns off LCD through outputting a GND level to SEG/COM pin.
When in STOP mode, EDSP is cleared to “0” and automatically blanked. To redisplay ICD after exiting
STOP mode, it is necessary to set EDSP back to “1”.
Note:During reset, the LCD common outputs are fixed “0” level. But the multiplex terminal of input/output port and
LCD segment output becomes high impedance. Therefore, when the reset input is long remarkably, ghost
problem may appear in LCD display.
Table 16-5 LCD Display Data Area (DBR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0FC0H
SEG1
SEG0
0FC1H
SEG3
SEG2
0FC2H
SEG5
SEG4
0FC3H
SEG7
SEG6
0FC4H
SEG9
SEG8
0FC5H
SEG11
SEG10
0FC6H
SEG13
SEG12
0FC7H
SEG15
SEG14
0FC8H
SEG17
SEG16
0FC9H
SEG19
SEG18
0FCAH
SEG21
SEG20
0FCBH
SEG23
SEG22
0FCCH
SEG25
SEG24
0FCDH
SEG27
SEG26
0FCEH
SEG29
SEG28
0FCFH
SEG31
SEG30
0FD0H
SEG33
SEG32
0FD1H
SEG35
SEG34
0FD2H
SEG37
SEG36
0FD3H
SEG39
SEG38
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com