Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 272 page
background image
Page 199
TMP86FS28DFG
The smaller the external resistor value, the higher the segment/common drive capability, but power con-
sumption is increased. Conversely, the larger the external resistor value, the lower the segment/common
drive capability, but power consumption is reduced. If the drive capability is insufficient, the LCD may
not be displayed clearly. Therefore, select an optimum resistor value for the LCD panel to be used.
Figure 16-4 Connection Examples When Using an External Resistor Divider
(LCDCR<BRES> = “0”)
16.3 LCD Display Operation
16.3.1 Display data setting
Display data is stored to the display data area (assigned to address 0FC0H to 0FD3H, 20bytes) in the DBR.
The display data which are stored in the display data area is automatically read out and sent to the LCD driver
by the hardware. The LCD driver generates the segment signal and common signal according to the display
data and driving method. Therefore, display patterns can be changed by only over writing the contents of dis-
play data area by the program. Table 16-5 shows the correspondence between the display data area and SEG/
COM pins.
LCD light when display data is “1” and turn off when “0”. According to the driving method of LCD, the
number of pixels which can be driven becomes different, and the number of bits in the display data area which
is used to store display data also becomes different.
Therefore, the bits which are not used to store display data as well as the data buffer which corresponds to the
addresses not connected to LCD can be used to store general user process data (see Table 16-4).
Note:The display data memory contents become unstable when the power supply is turned on; therefore, the dis-
play data memory should be initialized by an initiation routine.
Table 16-4 Driving Method and Bit for Display Data
Driving methods
Bit 7/3
Bit 6/2
Bit 5/1
Bit 4/0
1/4 Duty
COM3
COM2
COM1
COM0
1/3 Duty
–
COM2
COM1
COM0
1/2 Duty
–
–
COM1
COM0
Static
–
–
–
COM0
Adjustment of
contrast
Adjustment of
contrast
Adjustment of
contrast
R3
R2
R1
Open
V3
V2
C0
C1
V1
VDD
VSS
Open
1/3 Bias (R1 = R2 = R3)
R2
R1
Open
V3
V2
C0
C1
V1
VDD
VSS
Open
R1
Open
V3
V2
C0
C1
V1
VDD
VSS
Open
Static
Keep the following conditon.
VDD
V3 V2 V1 VSS
1/2 Bias (R1 = R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com