Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 223 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 223 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 225Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 226Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 227Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 272 page
background image
Page 211
TMP86FS28DFG
17.1.3 Flash Memory Standby Control (FLSSTB<FSTB>)
Low power consumption is enabled by cutting off the steady-state current of the flash memory. In the
IDLE0/1/2, SLEEP0/1/2 or STOP mode, the steady-state current of the flash memory is cut off automatically.
When the program is executed in the RAM area (without accessing the flash memory) in the NORMAL 1/2
or SLOW1/2 mode, the current can be cut off by the control of the register. To cut off the steady-state current of
the flash memory, set FLSSTB<FSTB> to “1” by the control program in the RAM area. The procedures for
controlling the FLSSTB register are explained below.
(Steps1 and 2 are controlled by the program in the flash memory, and steps 3 through 8 are controlled by the
write control program executed in the RAM area.)
1. Transfer the control program of the FLSSTB register to the RAM area.
2. Jump to the RAM area.
3. Disable (DI) the interrupt master enable flag (IMF = “0”).
4. Set FLSSTB<FSTB> to “1”.
5. Execute the user program.
6. Repeat step 5 until the return request to the flash memory is detected.
7. Set FLSSTB<FSTB> to “0”.
8. Jump to the flash memory area.
Note 1: The standby function is not operated by setting FLSSTB<FSTB> with the program in the flash memory. You
must set FLSSTB<FSTB> by the program in the RAM area.
Note 2: To use the standby function by setting FLSSTB<FSTB> to “1” with the program in the RAM area,
FLSSTB<FSTB> must be set to “0” by the program in the RAM area before returning the program control to
the flash memory. If the program control is returned to the flash memory with FLSSTB<FSTB> set to “1”,
the program may misoperate and run out of control.
Table 17-1 Flash Memory Access
Operating Mode
FLSCR
<BANKSEL>
Access Area
Specified Address
MCU mode
Don’t care
1000H-FFFFH
Serial PROM mode
0
(BANK0)
1000H-7FFFH
9000H-FFFFH
1
(BANK1)
8000H-FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com