Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 226 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 226 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 225Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 226Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 227Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 228Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 230Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 272 page
background image
Page 214
17. Flash Memory
17.3 Toggle Bit (D6)
TMP86FS28DFG
It takes a maximum of 40
µs to set read protection in the flash memory. The next command sequence cannot
be executed until this operation is completed. To check the completion of the read protect operation, perform
read operations repeatedly for data polling until the same data is read twice from the same address in the flash
memory. During the read protect operation, any attempts to read from the same address is reversed bit 6 of the
data (toggling between 0 and 1).
17.3 Toggle Bit (D6)
After the byte program, chip erase, and read protect command sequence is executed, any consecutive attempts to
read from the same address is reversed bit 6 (D6) of the data (toggling between 0 and 1) until the operation is com-
pleted. Therefore, this toggle bit provides a software mechanism to check the completion of each operation. Usually
perform read operations repeatedly for data polling until the same data is read twice from the same address in the
flash memory. After the byte program, chip erase, or read protect command sequence is executed, the initial read of
the toggle bit always produces a "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com