Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 233 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 233 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 237Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 272 page
background image
Page 221
TMP86FS28DFG
Figure 18-2 Serial PROM Mode Pin Setting
Note 1: For connection of other pins, refer to " Table 18-3 Pin Function in the Serial PROM Mode ".
18.3.3 Example Connection for On-Board Writing
Figure 18-3 shows an example connection to perform on-board wring.
Figure 18-3 Example Connection for On-Board Writing
Note 1: When other parts on the application board effect the UART communication in the serial PROM mode, iso-
late these pins by a jumper or switch.
Note 2: When the reset control circuit on the application board effects activation of the serial PROM mode, isolate
the pin by a jumper or switch.
Note 3: For connection of other pins, refer to " Table 18-3 Pin Function in the Serial PROM Mode ".
VDD(4.5 V to 5.5 V)
Serial PROM mode
MCU mode
VDD
TEST
RESET
External control
pull-up
XIN
XOUT
VSS
GND
BOOT / RXD1 (P34)
TXD1 (P35)
TMP86FS28DFG
VDD(4.5 V to 5.5 V)
Serial PROM mode
MCU mode
VDD
TEST
RESET
PC control
Pull-up
Level
converter
XIN
XOUT
VSS
GND
External control board
Application board
RC power-on
reset circuit
RESET
control
Other
parts
(Note 1)
(Note 2)
BOOT / RXD1 (P34)
TXD1 (P35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com