Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 236 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 236 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 240Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 272 page
background image
Page 224
18. Serial PROM Mode
18.4 Interface Specifications for UART
TMP86FS28DFG
Note 1: “Ref. Frequency” and “Rating” show frequencies available in the serial PROM mode. Though the frequency is supported
in the serial PROM mode, the serial PROM mode may not be activated correctly due to the frequency difference in the
external controller (such as personal computer) and oscillator, and load capacitance of communication pins.
Note 2: It is recommended that the total frequency difference is within
±3% so that auto detection is performed correctly by the ref-
erence frequency.
Note 3: The external controller must transmit the matching data (5AH) repeatedly till the auto detection of baud rate is performed.
This number indicates the number of times the matching data is transmitted for each frequency.
Table 18-5 Operating Frequency and Baud Rate in the Serial PROM Mode
(Note 3)
Reference Baud Rate
(bps)
76800
62500
57600
38400
31250
19200
9600
Baud Rate Modification
Data
04H
05H
06H
07H
0AH
18H
28H
Ref. Fre-
quency
(MHz)
Rating
(MHz)
Baud
rate
(bps)
(%)(bps)(%)
(bps)(%)(bps)
(%)(bps)(%)(bps)(%)
(bps)(%)
1
2
1.91 to 2.10
-
--------
---
9615
+0.16
2
4
3.82 to 4.19
-
-------
31250
0.00
19231
+0.16
9615
+0.16
4.19
3.82 to 4.19
-
-------
32734
+4.75
20144
+4.92
10072
+4.92
3
4.9152
4.70 to 5.16
-
-----
38400
0.00
-
-
19200
0.00
9600
0.00
5
4.70 to 5.16
-
-----
39063
+1.73
-
-
19531
+1.73
9766
+1.73
4
6
5.87 to 6.45
-
--------
---
9375
-2.34
6.144
5.87 to 6.45
-
--------
---
9600
0.00
5
7.3728
7.05 to 7.74
-
-
-
57600
0.00
-
-
-
-
19200
0.00
9600
0.00
6
8
7.64 to 8.39
-
-
62500
0.00
-
-
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16
7
9.8304
9.40 to 10.32
76800
0.00
----
38400
0.00
-
-
19200
0.00
9600
0.00
10
9.40 to 10.32
78125
+1.73
----
39063
+1.73
-
-
19531
+1.73
9766
+1.73
8
12
11.75 to 12.90
-
-
-
-
57692
+0.16
-
-
31250
0.00
18750
-2.34
9375
-2.34
12.288
11.75 to 12.90
-
-
-
-
59077
+2.56
-
-
32000
+2.40
19200
0.00
9600
0.00
12.5
11.75 to 12.90
-
-
60096
-3.85
60096
+4.33
-
-
30048
-3.85
19531
+1.73
9766
+1.73
9
14.7456
14.10 to 15.48
-
-
-
-
57600
0.00
38400
0.00
-
-
19200
0.00
9600
0.00
10
16
15.27 to 16.77
76923
+0.16
62500
0.00
-
-
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com