Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS27FG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
86FS27-13
2007-08-07
TMP86FS27
2.6.1
Flash Memory Writing Mode (Operation command: 30H)
Table 2.6.1 shows flash memory writing mode process.
Table 2.6.1 Flash Memory Writing Mode Process
Note 1: “xxH
× 3” denotes that operation stops after sending 3 bytes of xxH. For details, refer to 2.8
“Error Code”.
Note 2: Refer to 2.10 “Intel Hex Format (Binary)”.
Note 3: Refer to 2.9 “Checksum (SUM)”.
Note 4: Refer to 2.11 “Passwords”.
Note 5: If all data of vector area are “00H” or “FFH”, the passwords comparison is not executed
because the device is considered as blank product. However, it is necessary to specify the
password count storage addresses and the password comparison start address even though
it is a blank product. If a password error occurs, the UART function of TMP86FS27 stops
without returning error code to the controller. Therefore, when a password error occurs, the
TMP86FS27 should be reset by RESET pin input.
Note 6: The time between data records needs over 1 ms.
Number of
Bytes
Transferred
Transfer Data from
External Controller to
TMP86FS27
Baud Rate
Transfer Data from
TMP86FS2786FS27 to
External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
−
9600 bps
9600 bps
− (Baud rate auto set)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 2.4.1)
−
9600 bps
9600 bps
−
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3
(Note 1)
5th byte
6th byte
Operation command data (30H)
−
Changed new baud rate
Changed new baud rate
−
OK: Echo back data (30H)
Error: A1H
× 3, A3H × 3, 63H × 3
(Note 1)
7th byte
8th byte
Address 15 to 08 in which to
store Password count (Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
9th byte
10th byte
Address 07 to 00 in which to
store Password count (Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
11th byte
12th byte
Address 15 to 08 in which to
start
Password
comparison
(Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
13th byte
14th byte
Address 07 to 00 in which to
start
Password
comparison
(Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
15th byte
:
m'th byte
Password string (Note 5)
−
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
m'th
+ 1 byte
:
n'th
− 2 byte
Extended Intel format (binary)
(Note 2, 6)
Changed new baud rate
−
n'th
− 1 byte
−
Changed new baud rate
OK: SUM (High) (Note 3)
Error: Nothing transmitted
n'th byte
−
Changed new baud rate
OK: SUM (Low) (Note 3)
Error: Nothing transmitted
n'th
+ 1 byte
(Wait for the next operation)
(Command data)
Changed new baud rate
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com