Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS27FG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
86FS27-24
2007-08-07
TMP86FS27
3. Password string
A password string sent from the controller is compared with the specified data in the flash
memory. If the password string does not match the specified data in the flash memory, a
password error occurs and the TMP86FS27 stops operating.
4. Handling of password error
If a password error occurs, the UART function of TMP86FS27 stops without returning error
code to the controller. Therefore, when a password error occurs, the TMP86FS27 should be
reset by RESET pin input.
2.12 Product Discrimination Code
The product discrimination code is a 13-byte data, that includes the start address and the end
address of ROM. Table 2.12.1 shows the product discrimination code format.
Table 2.12.1 Product Discrimination Code Format
Data
The Meaning of Data
In Case of TMP86FS27
1st
Start mark (3AH)
3AH
2nd
The number of transfer data (from 3rd to 13th byte)
0AH
3rd
Length of address
02H
4th
Reserved data
03H
5th
Reserved data
00H
6th
Reserved data
00H
7th
Reserved data
00H
8th
The number of ROM block
01H
9th
The upper byte of the first address of ROM
10H (Depends on the product)
10th
The lower byte of the first address of ROM
00H (Depends on the product)
11th
The upper byte of the end address of ROM
FFH (Depends on the product)
12th
The lower byte of the end address of ROM
FFH (Depends on the product)
13th
Checksum of transferred data (from 3rd to 12th byte)
ECH (Depends on the product)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com