Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 223 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 223 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 219Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 220Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 221Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 222Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 223Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 224Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 225Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 226Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 223
KSZ9567R
FIGURE 8-2:
PACKAGE (DIMENSIONS)
Microchip Technology Drawing C04-418B Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Footprint
Exposed Pad Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A2
e
(L1)
E
N
0.40 BSC
9.85
0.13
-
0.05
0.18
1.00 REF
10.00
-
-
16.00 BSC
MILLIMETERS
MIN
NOM
128
10.15
0.23
1.20
0.15
MAX
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
128-Lead Thin Quad Flatpack (6XX) - 14x14x1.0 mm Body [TQFP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 10x10 mm Exposed Pad
Overall Length
Exposed Pad Length
D
D2
9.85
16.00 BSC
10.00
10.15
DETAIL B
e
2
X
X= A OR B
Terminal Length
L
0.45
0.60
0.75
Molded Package Width
E1
14.00 BSC
Molded Package Length
D1
14.00 BSC
0.95
1.00
1.05
-
0°
7°
Footprint Angle
Terminal Thickness
c
0.09
-
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com