Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 227 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 227 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 223Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 224Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 225Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 226Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 227Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 228Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 229Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 230Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 227
KSZ9567R
Section 4.12, "In-Band Man-
agement"
• Added to last sentence of first paragraph.
• Added additional sentence to end of second
paragraph.
• Added additional sentence to end of sixth
paragraph.
Section 5.1.6.17, "Time-
stamp Control and Status
Register"
Updated bit 6 definition.
Section 5.2.1.7, "Port Oper-
ation Control 0 Register"
Updated bit 6 and 7 descriptions to include refer-
ences to the MAC and additional clarification.
Section 5.2.2.15, "PHY
Remote Loopback Register"
Simplified bit 8 description.
Section 5.2.4.1, "Port MAC
Control 0 Register," on
page 157
Bit 0 made reserved.
Section 6.4.8, "Power-up
and Reset Timing," on
page 216
Updated Note 1.
Table 6-12
Added new “trw” entry to table.
DS00002329C (10-23-18)
Section 8.1, "Package Mark-
ing Information," on
page 221
Updated top marking information.
Section 8.2, "Package Draw-
ings," on page 222
Updated package drawings.
Table 4-16, "Matching Rule
Options"
Table updated.
Section 4.4.9, "Tail Tagging
Mode," on page 39
Section updated. Added PTP specific content.
Section 4.1.9, "LinkMD®
Cable Diagnostics," on
page 23
LinkMD details added.
Section 4.4.2.4, "Learning,"
on page 30
Text correction.
Section 4.4.2.6, "Aging," on
page 31
Corrected “time stamp” to “age count” in multiple
locations.
Section 5.2.2.5, "PHY Auto-
Negotiation Advertisement
Register," on page 143
Changed default value of Pause (Flow Control)
Capability bit to a note referencing the LED1_1
configuration strap.
Section 5.2.2.10, "PHY
1000BASE-T Control Regis-
ter," on page 147
Corrected bit 10 default value. Added information
on Test Mode Bits 15:13.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com