Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906826 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906826
Description  TTC-6P-3-HF-F-M-EX-12DC-UT-I - Surge protection device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906826 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906826 Datasheet HTML 1Page - PHOENIX CONTACT 2906826 Datasheet HTML 2Page - PHOENIX CONTACT 2906826 Datasheet HTML 3Page - PHOENIX CONTACT 2906826 Datasheet HTML 4Page - PHOENIX CONTACT 2906826 Datasheet HTML 5Page - PHOENIX CONTACT 2906826 Datasheet HTML 6Page - PHOENIX CONTACT 2906826 Datasheet HTML 7Page - PHOENIX CONTACT 2906826 Datasheet HTML 8Page - PHOENIX CONTACT 2906826 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Surge protection, consisting of protective plug and base element, with integrated status indicator
and knife disconnection for a 3-wire Ex i signal circuit with common reference potential. For HF
applications. Indirect grounding via gas discharge tube, HART-compatible. Can be used in
safety-related circuits up to SIL 3.
Your advantages
Space-saving and cost-saving with a narrow overall width of just 6 mm
•
Continuous monitoring of protective devices, plus mechanical status indicator with optional remote signaling
•
Finding the right product for all possible requirements in MCR applications is easy, thanks to the complete range of products with customized
features
•
Easy testing and documentation with CHECKMASTER 2 with pluggable protective modules
•
The signal is not influenced during maintenance work, thanks to the impedance-neutral insertion and removal of protective plugs
•
Commercial data
Item number
2906826
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
CL23
Product key
CL2163
Catalog page
Page 181 (C-4-2019)
GTIN
4055626135885
Weight per piece (including packing)
64.2 g
Weight per piece (excluding packing)
42.16 g
Customs tariff number
85363010
Country of origin
DE
TTC-6P-3-HF-F-M-EX-12DC-UT-I - Surge protection
device
2906826
https://www.phoenixcontact.com/us/products/2906826
Apr 4, 2025, 5:45 AM
Page 1 (10)


Similar Part No. - 2906826

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906820 PHOENIX-2906820 Datasheet
538Kb / 11P
TTC-6-1X2-M-EX-24DC-UT-I - Surge protection device
2906821 PHOENIX-2906821 Datasheet
539Kb / 10P
TTC-6-2X1-M-EX-24DC-UT-I - Surge protection device
2906822 PHOENIX-2906822 Datasheet
551Kb / 10P
TTC-6-3-HF-F-M-EX-12DC-UT-I - Surge protection device
2906823 PHOENIX-2906823 Datasheet
551Kb / 10P
TTC-6-3-HF-F-M-EX-24DC-UT-I - Surge protection device
2906824 PHOENIX-2906824 Datasheet
533Kb / 10P
TTC-6P-1X2-M-EX-24DC-UT-I - Surge protection device
More results

Similar Description - 2906826

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800983 PHOENIX-2800983 Datasheet
86Kb / 5P
Surge protection device - PT-IQ-4X1F-24DC-UT
09/10/2014
2906805 PHOENIX-2906805 Datasheet
124Kb / 4P
Surge protection device - TTC-6-2X1-24DC-PT
09/21/2018
2906834 PHOENIX-2906834 Datasheet
345Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-UT-I
03/25/2022
2906835 PHOENIX-2906835 Datasheet
346Kb / 7P
Surge protection device - TTC-6-TVSD-D-48DC-UT-I
03/25/2022
2906848 PHOENIX-2906848 Datasheet
336Kb / 7P
Surge protection device - TTC-6-TVSD-C-24DC-PT-I
03/25/2022
2906851 PHOENIX-2906851 Datasheet
332Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-PT-I
03/25/2022
2906861 PHOENIX-2906861 Datasheet
336Kb / 7P
Surge protection device - TTC-6-GDT-C-110AC-PT-I
03/25/2022
2907325 PHOENIX-2907325 Datasheet
133Kb / 8P
Surge protection device - TTC-3-1X2-24DC-PT
09/12/2020
1334594 PHOENIX-1334594 Datasheet
514Kb / 12P
Surge protection device - TTC-6P-4X1-24-PT-I
Nov 16, 2022
1334595 PHOENIX-1334595 Datasheet
516Kb / 13P
Surge protection device - TTC-6P-2X2-24-PT-I
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com