Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906826 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906826
Description  TTC-6P-3-HF-F-M-EX-12DC-UT-I - Surge protection device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906826 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906826 Datasheet HTML 1Page - PHOENIX CONTACT 2906826 Datasheet HTML 2Page - PHOENIX CONTACT 2906826 Datasheet HTML 3Page - PHOENIX CONTACT 2906826 Datasheet HTML 4Page - PHOENIX CONTACT 2906826 Datasheet HTML 5Page - PHOENIX CONTACT 2906826 Datasheet HTML 6Page - PHOENIX CONTACT 2906826 Datasheet HTML 7Page - PHOENIX CONTACT 2906826 Datasheet HTML 8Page - PHOENIX CONTACT 2906826 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical data
Product properties
Product type
Surge protection for information technology
Product family
TERMITRAB complete
C1
C2
C3
IEC test classification
D1
Type
DIN rail module, two-section, divisible
Insulation characteristics
Overvoltage category
III
Pollution degree
2
Electrical properties
Nominal voltage UN
12 V DC
Connection data
Connection method
Screw connection
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section rigid
0.2 mm² ... 4 mm²
Conductor cross section AWG
24 ... 12
Ex data
Maximum inner capacitance Ci
negligible
Max. internal inductance Li
negligible
400 mA (T4 / -40 °C ... +50 °C)
250 mA (T4 / -40 °C ... +70 °C)
350 mA (T6 / -40 °C ... +35 °C)
Max. input current Ii
100 mA (T6 / -40 °C ... +70 °C)
Max. input voltage Ui
15 V DC
Insulation voltage to ground
> 180 V DC
Ambient temperature (operation)
-40 °C ... 70 °C (with current derating)
Dimensions
Dimensional drawing
Width
6.2 mm +0.1 mm
TTC-6P-3-HF-F-M-EX-12DC-UT-I - Surge protection
device
2906826
https://www.phoenixcontact.com/us/products/2906826
Apr 4, 2025, 5:45 AM
Page 2 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com