Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY1908PS Datasheet(PDF) 3 Page - HOOYI SEMICONDUCTOR

Part # HY1908PS
Description  N-Channel Enhancement Mode MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HY1908PS Datasheet(HTML) 3 Page - HOOYI SEMICONDUCTOR

  HY1908PS Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
75
42
3
Electrical Characteristics (Cont.) (T
C = 25°C Unless Otherwise Noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
3.0
-
Ω
Ciss
Input Capacitance
-
3800
-
Coss
Output Capacitance
-
389
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=25V,
Frequency=1.0MHz
-
250
-
pF
td(ON)
Turn-on Delay Time
-
25
45
Tr
Turn-on Rise Time
-
td(OFF)
Turn-off Delay Time
-
62
100
Tf
Turn-off Fall Time
VDD=40V, RG = 6
Ω,
IDS =45A, VGS=10V,
-
19
30
ns
Gate Charge Characteristics
Qg
Total Gate Charge
-
86
Qgs
Gate-Source Charge
-
16
-
Qgd
Gate-Drain Charge
VDS=64V, VGS=10V,
IDS=45A
-
28
-
nC
Note * : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
.
-
HY1908P/M/B/PS/PM/MF
HY1908
www.hooyi.cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com