Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY1908PS Datasheet(PDF) 4 Page - HOOYI SEMICONDUCTOR

Part # HY1908PS
Description  N-Channel Enhancement Mode MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HY1908PS Datasheet(HTML) 4 Page - HOOYI SEMICONDUCTOR

  HY1908PS Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HY1908PS Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Typical Operating Characteristics
Drain Current
Safe Operation Area
VDS - Drain - Source Voltage (V)
0.01
0.1
1
10
100
500
0.1
1
10
100
600
1ms
10ms
100us
DC
T
C
=25
oC
0
20
40
60
80 100 120 140 160 180 200
0
10
20
30
40
50
60
70
80
90
T
C
=25
oC,V
G
=10V
4
limited by package
Tc- Case Temperature (°C)
210
Power Dissipation
0
20
40
60
80 100 120 140 160 180 200
0
30
60
90
120
150
180
T
C
=25
oC
Tc -
Temperature (°C)
Case
HY1908P/M/B/PS/PM/MF
www.hooyi.cc
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
1
0.01
0.02
0.05
0.1
0.2
Duty = 0.5
Mounted on minimum pad
R
θJA : 62.5
oC/W
Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com