Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6404 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP6404
Description  High Power High Speed Switching Applications 3-Phase Motor Drive and Stepping Motor Drive Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6404 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP6404 Datasheet HTML 1Page - Toshiba Semiconductor MP6404 Datasheet HTML 2Page - Toshiba Semiconductor MP6404 Datasheet HTML 3Page - Toshiba Semiconductor MP6404 Datasheet HTML 4Page - Toshiba Semiconductor MP6404 Datasheet HTML 5Page - Toshiba Semiconductor MP6404 Datasheet HTML 6Page - Toshiba Semiconductor MP6404 Datasheet HTML 7Page - Toshiba Semiconductor MP6404 Datasheet HTML 8Page - Toshiba Semiconductor MP6404 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6404
2006-10-27
1
TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type (Six L2-π-MOSV inOne)
MP6404
High Power High Speed Switching Applications
3-Phase Motor Drive and Stepping Motor Drive
Applications
• 4-V gate drivability
• Small package by full molding (SIP 12 pins)
• High drain power dissipation (6-device operation)
: PT = 36 W (Tc = 25°C)
• Low drain-source ON resistance: RDS (ON) =120 mΩ (typ.) (Nch)
160 mΩ (typ.) (Pch)
• High forward transfer admittance: |Yfs| = 5.0 S (typ.) (Nch)
4.0 S (typ.) (Pch)
• Low leakage current: IGSS = ±10 μA (max) (VGS = ±16 V)
IDSS = 100 μA (max) (VDS = 60 V)
• Enhancement-mode: Vth = 0.8 V to 2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
Nch
Pch
Unit
Drain-source voltage
VDSS
60
−60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
60
−60
V
Gate-source voltage
VGSS
±20
±20
V
DC
ID
5
−5
Drain current
Pulse
IDP
20
−20
A
Drain power dissipation
(1-device operation, Ta = 25°C)
PD
2.2
W
Ta = 25°C
4.4
Drain power dissipation
(6-device operation)
Tc = 25°C
PDT
36
W
Single pulse avalanche energy
(Note 1)
EAS
129
273
mJ
Avalanche current
IAR
5
−5
A
1 device
operation
EAR
0.22
Repetitive avalanche
energy
(Note 2) 6 device
operation
EART
0.44
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Condition for avalanche energy (single pulse)
Nch: VDD = 25 V, starting Tch = 25°C, L = 7 mH, RG = 25 Ω, IAR = 5 A
Pch: VDD = −25 V, starting Tch = 25°C, L = 14.84 mH, RG = 25 Ω, IAR = −5 A
Note 2: Repetitive rating; pulse width limited by maximum channel temperature
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-32C1K
Weight: 3.9 g (typ.)


Similar Part No. - MP6404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6404 TOSHIBA-MP6404 Datasheet
276Kb / 11P
TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type
More results

Similar Description - MP6404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6301 TOSHIBA-MP6301 Datasheet
102Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
MP4208 TOSHIBA-MP4208_07 Datasheet
167Kb / 6P
High Power High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4410 TOSHIBA-MP4410_07 Datasheet
133Kb / 4P
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6301 TOSHIBA-MP6301_07 Datasheet
134Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
2SK1542 TOSHIBA-2SK1542 Datasheet
769Kb / 5P
HIGH SPEED SWITCHING APPLICATIONS RELAY DRIVE. MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SK1079 TOSHIBA-2SK1079 Datasheet
283Kb / 5P
HIGH SPEED SWITCHING APPLICATIONS. RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS.
1996-12-01
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com