Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6404 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MP6404
Description  High Power High Speed Switching Applications 3-Phase Motor Drive and Stepping Motor Drive Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6404 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MP6404 Datasheet HTML 1Page - Toshiba Semiconductor MP6404 Datasheet HTML 2Page - Toshiba Semiconductor MP6404 Datasheet HTML 3Page - Toshiba Semiconductor MP6404 Datasheet HTML 4Page - Toshiba Semiconductor MP6404 Datasheet HTML 5Page - Toshiba Semiconductor MP6404 Datasheet HTML 6Page - Toshiba Semiconductor MP6404 Datasheet HTML 7Page - Toshiba Semiconductor MP6404 Datasheet HTML 8Page - Toshiba Semiconductor MP6404 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP6404
2006-10-27
3
Electrical Characteristics (Ta = 25°C) (Nch MOS FET)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
―
―
±10
μA
Drain cut-off current
IDSS
VDS = 60 V, VGS = 0 V
―
―
100
μA
Drain source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
―
―
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
―
2.0
V
VGS = 4 V, ID = 2.5 A
―
0.21
0.32
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
―
0.12
0.16
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
3.0
5.0
―
S
Input capacitance
Ciss
―
370
―
pF
Reverse transfer capacitance
Crss
―
60
―
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
―
180
―
pF
Rise time
tr
―
18
―
Turn-on time
ton
―
25
―
Fall time
tf
―
55
―
Switching time
Turn-off time
toff
VIN: tr, tf < 5 ns, duty ≤ 1%, tw = 10 μs
―
170
―
ns
Total gate charge
(gate-source plus gate-drain)
Qg
―
12
―
nC
Gate-source charge
Qgs
―
8
―
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 5 A
―
4
―
nC
Source-Drain Diode Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
IDR
―
―
―
5
A
Pulse drain reverse current
IDRP
―
―
―
20
A
Diode forward voltage
VDSF
IDR = 5 A, VGS = 0 V
―
―
−1.7
V
Reverse recovery time
trr
―
70
―
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V
dIDR/dt = 50 A/μs
―
0.1
―
μC
10 V
VGS
VDD ≈ 30 V
ID = 2.5 A
VOUT
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com