Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS20N65A3-R Datasheet(PDF) 1 Page - Guangdong Lingxun Microelectronics Co., Ltd

Part # CS20N65A3-R
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINGXUN [Guangdong Lingxun Microelectronics Co., Ltd]
Direct Link  https://www.lxmicro.com/en/EnHome
Logo LINGXUN - Guangdong Lingxun Microelectronics Co., Ltd

CS20N65A3-R Datasheet(HTML) 1 Page - Guangdong Lingxun Microelectronics Co., Ltd

  CS20N65A3-R Datasheet HTML 1Page - Guangdong Lingxun Microelectronics Co., Ltd CS20N65A3-R Datasheet HTML 2Page - Guangdong Lingxun Microelectronics Co., Ltd CS20N65A3-R Datasheet HTML 3Page - Guangdong Lingxun Microelectronics Co., Ltd CS20N65A3-R Datasheet HTML 4Page - Guangdong Lingxun Microelectronics Co., Ltd CS20N65A3-R Datasheet HTML 5Page - Guangdong Lingxun Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• Case: Molded plastic
QG-typ
• 100% Single Pulse avalanche energy Test
APPLICATIONS
• Power switch circuit of adaptor and charger.
MECHANICAL DATA
MAIN CHARACTERISTICS
20A
650V
0.5Ω
58nC
FEATURES
• Fast Switching
• Low ON Resistance
• Low Gate Charge
ID
VDSS
RDSON-max
(@V
GS=10V)
• Solder bath temperature 275℃ maximum,10s per JESD 22-B106
• Molded Plastic: UL Flammability Classification Rating 94V-0
• Lead free in compliance with EU RoHS 2011/65/EU directive
0.209oz(5.93g)
CS20N65A
N-Channel Enhancement Mode Power MOSFET
• Mounting Position: Any
30 pcs / tube
TO-220AB
TO-220F
TO-263
TO-263
TO-247S
Marking on the body
Ordering information
Part Number
Package
Unit Weight
Base Quantity
Delivery mode
CS20N65A1
0.07oz(1.96g)
1Kpcs/box 5Kpcs/carton
50 pcs / tube
1Kpcs/box 5Kpcs/carton
1Kpcs/box 5Kpcs/carton
800pcs/box 4Kpcs/carton
600pcs/box 2.4Kpcs/carton
CS20N65A6
TO-247
CS20N65A2
CS20N65A3
CS20N65A3-R
CS20N65A7
600pcs/box 2.4Kpcs/carton
0.06oz(1.74g)
0.04oz(1.16g)
0.04oz(1.16g)
0.158oz(4.48g)
50 pcs / tube
50 pcs / tube
800 pcs / reel
30 pcs / tube
CS20N65A2/TO-220F
CS20N65A3/TO-263
CS20N65A6/TO-247
CS20N65A1/TO-220AB
CS20N65A7/TO-247S
www.dglxdz.com
1 Of 5
3/5/2018 Rev:01


Similar Part No. - CS20N65A3-R

ManufacturerPart #DatasheetDescription
logo
China Resources Microel...
CS20N60F CRMICRO-CS20N60F Datasheet
435Kb / 10P
Fast Switching
2015V01
CS20N60F A9H CRMICRO-CS20N60F A9H Datasheet
435Kb / 10P
Fast Switching
2015V01
CS20N60FA9H CRMICRO-CS20N60FA9H Datasheet
435Kb / 10P
Fast Switching
2015V01
More results

Similar Description - CS20N65A3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com