Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J15FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3J15FS
Description  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J15FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3J15FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3J15FS
2007-11-01
4
|Yfs| - ID
1
10
100
1000
-1
-10
-100
-1000
Drain current ID (mA)
Common Source
VDS= -3V
Ta=25°C
IDR - VDS
0
-50
-100
-150
-200
-250
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Drain-Source voltage VDS (V)
Common Source
VGS=0V
Ta=25°C
C - VDS
1
10
100
-0.1
-1
-10
-100
Drain-Source voltage VDS (V)
Common Source
VGS=0V
f=1MHz
Ta=25°C
Ciss
Coss
Crss
t - ID
10
100
1000
10000
-0.1
-1
-10
-100
Drain Current ID (mA)
Common Source
VDD= -5V
VGS=0~-5V
Ta=25°C
toff
tr
ton
tf
PD - Ta
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
Ambient temperature Ta(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com