Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J15FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3J15FS
Description  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J15FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3J15FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J15FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3J15FS
2007-11-01
3
ID - VDS
0
-50
-100
-150
-200
-250
0
-0.5
-1
-1.5
-2
Drain-Source Voltage VDS(V)
Common Source
Ta=25°C
VGS=-2.3V
-2.5
-2.7
-3.0
-3.3
-4
-5
-10
-7
ID - VGS
-0.01
-0.1
-1
-10
-100
-1000
0
-1-2
-3-4-5
Gate-Source Voltage VGS(V)
Common Source
VDS=-3V
Ta=100°C
RDS(ON) - ID
0
10
20
30
40
-1
-10
-100
-1000
Drain Current ID(mA)
VGS=-2.5V
-4V
RDS(ON) - VGS
0
2
4
6
8
10
12
14
16
18
20
0
-2-4
-6-8
-10
Gate-Source Voltage VGS (V)
Source Common
ID= -1mA
RDS(ON) - Ta
0
10
20
30
-25
0
25
50
75
100
125
150
Common Source
VGS=-2.5V,ID=-1mA
-4V,-10mA
Vth - Ta
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2
-25
0
25
50
75
100
125
150
Common Source
ID=-0.1mA
VDS=-3V
25°C
-25°C
Common Source
Ta=25°C
Ta=100°C
25°
-25°C
Ambient temperature Ta(°C)
Ambient temperature Ta(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com