Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J16FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3J16FS
Description  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J16FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3J16FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3J16FS
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J16FS
High Speed Switching Applications
Analog Switch Applications
• Small package
• Low on-resistance
: Ron = 8 Ω (max) (@VGS = −4 V)
: Ron = 12 Ω (max) (@VGS = −2.5 V)
: Ron = 45 Ω (max) (@VGS = −1.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
−20
V
Gate-Source voltage
VGSS
±10
V
DC
ID
−100
Drain current
Pulse
IDP
−200
mA
Drain power dissipation (Ta
= 25°C)
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Marking
Equivalent Circuit (top view)
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), ensure that the environment is
protected against static electricity. Operators should wear anti-static clothing, and containers and other objects
that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1B
D T
1
2
3
12
3


Similar Part No. - SSM3J16FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J16FU TOSHIBA-SSM3J16FU Datasheet
216Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FV TOSHIBA-SSM3J16FV Datasheet
175Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
More results

Similar Description - SSM3J16FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J15CT TOSHIBA-SSM3J15CT Datasheet
155Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Analog Switch Applications
SSM3J15F TOSHIBA-SSM3J15F Datasheet
171Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FS TOSHIBA-SSM3J15FS Datasheet
182Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FV TOSHIBA-SSM3J15FV Datasheet
140Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16CT TOSHIBA-SSM3J16CT Datasheet
196Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FU TOSHIBA-SSM3J16FU Datasheet
216Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FV TOSHIBA-SSM3J16FV Datasheet
175Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16TE TOSHIBA-SSM3J16TE Datasheet
180Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com