Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J16FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3J16FS
Description  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J16FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3J16FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J16FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3J16FS
2007-11-01
3
ID – VGS
Gate - Source voltage VGS (V)
-0.01
0
-1
-1000
-2
-4
-3
-1
-0.1
-10
-100
Ta
= 100°C
Common Source
VDS = -3 V
−25°C
25°C
ID – VDS
Drain - Source voltage VDS (V)
0
0
-100
-250
-1
-2
-1.5
-0.5
-50
-150
-200
VGS = -1.5 V
-2.3
-2.5
-2.7
Common Source
Ta
= 25°C
-3
-4
-10
-2.1
-1.9
-1.7
RDS (ON) – VGS
Gate - Source voltage VGS (V)
-10
-8
-6
-4
-2
0
0
25℃
Common Source
ID = -1 mA
Ta=100℃
6
.4
20
1.2
1.6
10
8
1.4
1.8
2
-25℃
Drain current ID (mA)
0
-1
10
-1000
-10
5
15
20
-100
25
RDS (ON) – ID
VGS = -1.5 V
-4 V
-2.5 V
0
−25
10
40
50
150
125
0
5
25
30
75
20
-2.5 V, -10mA
VGS =−1.5 V, ID=-1mA
Common Source
15
35
25
100
RDS (ON) – Ta
Ambient temperature Ta (°C)
-4V, -10mA
Vth – Ta
Ambient temperature Ta (°C)
0
−25
-0.4
-2
50
150
125
0
-0.2
-1.2
-1.6
75
-1
Common Source
ID = -0.1 mA
VDS = -3 V
-0.8
-1.8
25
100
-0.6
-1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com