Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5DL2CZ Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 5DL2CZ
Description  SWITCHING MODE POWER SUPPLY APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

5DL2CZ Datasheet(HTML) 1 Page - Toshiba Semiconductor

  5DL2CZ Datasheet HTML 1Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 2Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 3Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 4Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5DL2CZ47A,5FL2CZ47A,5GL2CZ47A
2006-11-08
1
TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
5DL2CZ47A, 5FL2CZ47A, 5GL2CZ47A
SWITCHING MODE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage
: VRRM = 200 V, 300 V, 400V
Average Output Rectified Current
: IO = 5 A
Ultra Fast Reverse-Recovery Time
: trr = 35 ns (Max)
Low Switching Losses and Output Noise.
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
5DL2CZ47A
200
5FL2CZ47A
300
Repetitive Peak
Reverse Voltage
5GL2CZ47A
VRRM
400
V
Average Output Rectified Current
IO
5
A
25 (50Hz)
Peak One Cycle Surge Forward
Current (Sin Wave)
IFSM
27.5 (60Hz)
A
Junction Temperature
Tj
−40~150
°C
Storage Temperature Range
Tstg
−40~150
°C
Screw Torque
―
0.6
N·m
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
TYP.
MAX
UNIT
5DL2CZ47A
―
0.98
5FL2CZ47A
―
1.3
Peak Forward
Voltage
(Note 1)
5GL2CZ47A
VFM
IFM = 2.5A
―
1.8
V
5DL2CZ47A
―
10
5FL2CZ47A
―
10
Repetitive Peak
Reverse Current
(Note 1)
5GL2CZ47A
IRRM
VRRM = Rated
―
50
μA
Reverse Recovery Time
(Note 1)
trr
IF = 2A, di / dt = −20A / μs
―
35
ns
Forward Recovery Time
(Note 1)
tfr
IF = 1A
―
100
ns
Thermal Resistance
Rth (j−c)
Total DC, Junction to Case
―
3.8
°C / W
Note 1: A value applied to one cell.
POLARITY
JEDEC
―
JEITA
―
TOSHIBA
12−10C1A
Weight: 2.0 g
Unit: mm


Similar Part No. - 5DL2CZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5DL2CZ47A TOSHIBA-5DL2CZ47A Datasheet
227Kb / 3P
HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
More results

Similar Description - 5DL2CZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U2GWJ44 TOSHIBA-U2GWJ44 Datasheet
160Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
5JL2CZ47 TOSHIBA-5JL2CZ47_06 Datasheet
262Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
10JL2C48A TOSHIBA-10JL2C48A_06 Datasheet
295Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
10JL2CZ47 TOSHIBA-10JL2CZ47_06 Datasheet
253Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com