Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5DL2CZ Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 5DL2CZ
Description  SWITCHING MODE POWER SUPPLY APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

5DL2CZ Datasheet(HTML) 2 Page - Toshiba Semiconductor

  5DL2CZ Datasheet HTML 1Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 2Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 3Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 4Page - Toshiba Semiconductor 5DL2CZ Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5DL2CZ47A,5FL2CZ47A,5GL2CZ47A
2006-11-08
2
MARKING
Abbreviation Code
Part No.
5DL2CZ
5DL2CZ47A
5FL2CZ
5FL2CZ47A
5GL2CZ
5GL2CZ47A
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the
absolute maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for
an AC circuit. VRRM has a temperature coefficient of 0.1%/°C. Take this temperature coefficient into
account designing a device at low temperature.
IO:
We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IO. Carry out adequate heat design. If you can’t design a circuit with excellent heat radiation, set
the margin by using an allowable Tamax-IO curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180.
Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120°C under the worst load and heat radiation conditions.
Please refer to the Rectifiers databook for further information.
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
5DL2CZ
Characteristics
indicator
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com