Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM Datasheet(PDF) 2 Page - SOVICO corp.

Part # ADAM
Description  Advanced Digital Audio Matrix
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

ADAM Datasheet(HTML) 2 Page - SOVICO corp.

  ADAM Datasheet HTML 1Page - SOVICO corp. ADAM Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovating the Future of Global Communications
www.rtsintercoms.com
Specifications
Order Information
General
Matrix Size: 8–272 ports, eight (8) frames cascadable
Matrix Type: Digital Audio,
TDM Bus Signal Format: 44.1kHz, 24-Bit
Audio Levels: +8dBu nominal, +21dBu max (adjustable ± 20dB by user)
Frequency Response at 21dBu: Within ±1dB from 15Hz to 20kHz
S/N Ratio: SNR with 21dBu signal output (A-weighted): 84dB (typ.) / 81dB (min.)
THD+N<0.007% at 21dBu, 1kHz (unweighted)
Trunking: RTS Intelligent Trunking
Input Impedance: 22kΩ Output
Impedance: 600Ω
Operating Temperature Range: 0ºC to +50ºC (32ºF to 122ºF)
Storage Temperature Range: -40ºC to +70ºC (-40ºF to 158ºF)
Matrix Frame: 7RU (12¼”) H, 19” EIA Rack, 20” D
Power Consumption (with AIO-16 & two (2) MCIIe): 85VA @ 120VAC, 85VA @ 220VAC
ADAMFRAME-110V • ADAM • ADAM Frame 110V
90007500005 • ADAM • ADAM Frame 220V
The specification information is subject to change without notification.
Brand names mentioned are the property of their respective companies.
Bosch Security Systems, Inc. | 12000 Portland Avenue South | Burnsville, Minnesota 55337
Telephone: 877·863·4169 | Fax: (800) 323-0498
Form Number: F.01U.247.079 Rev 06
Date: October 2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com